전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6216B48PR 데이터시트(PDF) 3 Page - Torex Semiconductor

부품명 XC6216B48PR
상세설명  28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216B48PR 데이터시트(HTML) 3 Page - Torex Semiconductor

  XC6216B48PR Datasheet HTML 1Page - Torex Semiconductor XC6216B48PR Datasheet HTML 2Page - Torex Semiconductor XC6216B48PR Datasheet HTML 3Page - Torex Semiconductor XC6216B48PR Datasheet HTML 4Page - Torex Semiconductor XC6216B48PR Datasheet HTML 5Page - Torex Semiconductor XC6216B48PR Datasheet HTML 6Page - Torex Semiconductor XC6216B48PR Datasheet HTML 7Page - Torex Semiconductor XC6216B48PR Datasheet HTML 8Page - Torex Semiconductor XC6216B48PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
3/49
XC6216/XE6216
Series
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type and Options of
Regulators
B
Fixed output voltage
C
Output voltage externally set (VOFB=2.0V) (*3)
②③
Output Voltage
18 ~ C0
For the voltage within 1.8V ~9.9V (0.1V increments);
e.g. 2.5V ⇒ 25, 5.0V ⇒ 50
For the voltage within 10.0V~12.0V (0.1V increments);
e.g. 10.6V ⇒ A6, 11.2V ⇒ B2, 12.0V ⇒ C0
20
For C type (output voltage externally set), VOFB=2.0V only
④
Output Voltage
Accuracy (*2)
2
±
2%
1
VOUT≧2.00V:±1%,VOUT≦1.9V:±20mV (*3)
⑤⑥-⑦(*1)
Packages (Order
Unit)
MR
SOT-25 (3,000pcs/Reel)
MR-G
SOT-25 (3,000pcs/Reel)
PR
SOT-89-5 (1,000pcs/Reel)
PR-G
SOT-89-5 (1,000pcs/Reel)
ER
USP-6C (3,000pcs/Reel)
ER-G
USP-6C (3,000pcs/Reel)
8R-G
USP-6B06 (5,000pcs/Reel)
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①②
Output Voltage
20 ~ C0
For the voltage within 1.8V~9.9V (0.1V increments);
e.g. 2.5V ⇒ 25, 5.0V ⇒ 50
For the voltage within10.0V~12.0V (0.1V increments);
e.g. 10.6V ⇒ A6, 11.2V ⇒ B2, 12.0V ⇒ C0
③
Output Voltage
Accuracy
2
±
2%
1
VOUT≧2.00V:±1%,VOUT≦1.9V:±20mV
④⑤-⑥(*1)
Packages (Order
Unit)
PR
SOT-89 (1,000pcs/Reel)
PR-G
SOT-89 (1,000pcs/Reel)
FR
SOT-223 (1,000pcs/Reel)
FR-G
SOT-223 (1,000pcs/Reel)
JR
TO-252 (2,500pcs/Reel)
JR-G
TO-252 (2,500pcs/Reel)
MR-G
SOT-23 (3,000pcs/Reel)
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①②
Output Voltage
20~C0
For the voltage within 2.0V ~9.9V (0.1V increments);
e.g. 2.5V ⇒ 25, 5.0V ⇒ 50
For the voltage within 10.0V~12.0V (0.1V increments);
e.g. 10.6V ⇒ A6, 11.2V ⇒ B2, 12.0V ⇒ C0
③
Output Voltage
Accuracy
2
±
2%
④⑤
-⑥(*1)
Package (Order Unit)
PR
SOT-89-5 (1,000pcs/Reel)
PR-G
SOT-89-5 (1,000pcs/Reel)
XC6216D①②③④⑤-⑥(*1) : 3 pin regulator (No CE function), Fixed output voltage 1.8V~12.0V(0.1V increments)
XE6216B①②③④⑤-⑥(*1) : CE function (Active High), Fixed output voltage 2.0V~12.0V(0.1V increments)
Characteristics are guaranteed over the temperature range of -40℃ to 85℃.
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
XC6216①②③④⑤⑥-⑦(*1) : CE function (Active High) Fixed output voltage 1.8V~12.0V(0.1V increments)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
(*2) For the Type C, the accuracy is based on VOFB voltage. The actual output voltage accuracy is depended on the external resistances.
(*3) For the Type C and Output Voltage Accuracy±1% (±20mV) do not haveUSP-6B06 package
■
PRODUCT CLASSIFICATION
●
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com