전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6216B48PR 데이터시트(PDF) 39 Page - Torex Semiconductor

부품명 XC6216B48PR
상세설명  28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216B48PR 데이터시트(HTML) 39 Page - Torex Semiconductor

Back Button XC6216B48PR Datasheet HTML 35Page - Torex Semiconductor XC6216B48PR Datasheet HTML 36Page - Torex Semiconductor XC6216B48PR Datasheet HTML 37Page - Torex Semiconductor XC6216B48PR Datasheet HTML 38Page - Torex Semiconductor XC6216B48PR Datasheet HTML 39Page - Torex Semiconductor XC6216B48PR Datasheet HTML 40Page - Torex Semiconductor XC6216B48PR Datasheet HTML 41Page - Torex Semiconductor XC6216B48PR Datasheet HTML 42Page - Torex Semiconductor XC6216B48PR Datasheet HTML 43Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
39/49
XC6216/XE6216
Series
■
PACKAGING INFORMATION (Continued)
●SOT-89-5 Power Dissipation (40mm x 40mm Standard board)
Power dissipation data for the SOT-89-5 is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as the reference data taken in the following condition.
1. Measurement Condition
Condition: Mount on a board
Ambient: Natural convection
Soldering: Lead (Pb) free
Board: Dimensions 40 x 40 mm
(1600 mm2 in one side)
Copper (Cu) traces occupy 50% of the board
area In top and back faces
Package heat-sink is tied to the copper traces
Material: Glass Epoxy (FR-4)
Thickness: 1.6mm
Through-hole: 5 x 0.8 Diameter
Evaluation Board (Unit:mm)
2.Power Dissipation vs. Ambient Temperature
Board Mount (Tj max = 125℃)
Ambient Temperature(℃)
Power Dissipation Pd(mW)
Thermal Resistance (℃/W)
25
1300
76.92
85
520
0
200
400
600
800
1000
1200
1400
25
45
65
85
105
125
Ambient Temperature(℃)
Pd vs Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com