전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6216B48PR 데이터시트(PDF) 32 Page - Torex Semiconductor

부품명 XC6216B48PR
상세설명  28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216B48PR 데이터시트(HTML) 32 Page - Torex Semiconductor

Back Button XC6216B48PR Datasheet HTML 28Page - Torex Semiconductor XC6216B48PR Datasheet HTML 29Page - Torex Semiconductor XC6216B48PR Datasheet HTML 30Page - Torex Semiconductor XC6216B48PR Datasheet HTML 31Page - Torex Semiconductor XC6216B48PR Datasheet HTML 32Page - Torex Semiconductor XC6216B48PR Datasheet HTML 33Page - Torex Semiconductor XC6216B48PR Datasheet HTML 34Page - Torex Semiconductor XC6216B48PR Datasheet HTML 35Page - Torex Semiconductor XC6216B48PR Datasheet HTML 36Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
32/49
XC6216/XE6216 Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
XC6216B/C/D 202
VIN=4.0Vdc+0.5Vp-p, IOUT=1mA
CL=1μF(ceramic),Ta=25℃
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
XC6216B/C/D 202
VIN=4.0Vdc+0.5Vp-p, IOUT=30mA
CL=1μF(ceramic),Ta=25℃
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
XC6216B/D 332
VIN=5.3Vdc+0.5Vp-p, IOUT=1mA
CL=1μF(ceramic),Ta=25℃
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
XC6216B/D 332
VIN=4.0Vdc+0.5Vp-p, IOUT=30mA
CL=1μF(ceramic),Ta=25℃
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
XC6216B/D 502
VIN=7.0Vdc+0.5Vp-p, IOUT=1mA
CL=1μF(ceramic),Ta=25℃
(10) Ripple Rejection Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com