전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6216B48PR 데이터시트(PDF) 21 Page - Torex Semiconductor

부품명 XC6216B48PR
상세설명  28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216B48PR 데이터시트(HTML) 21 Page - Torex Semiconductor

Back Button XC6216B48PR Datasheet HTML 17Page - Torex Semiconductor XC6216B48PR Datasheet HTML 18Page - Torex Semiconductor XC6216B48PR Datasheet HTML 19Page - Torex Semiconductor XC6216B48PR Datasheet HTML 20Page - Torex Semiconductor XC6216B48PR Datasheet HTML 21Page - Torex Semiconductor XC6216B48PR Datasheet HTML 22Page - Torex Semiconductor XC6216B48PR Datasheet HTML 23Page - Torex Semiconductor XC6216B48PR Datasheet HTML 24Page - Torex Semiconductor XC6216B48PR Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
21/49
XC6216/XE6216
Series
The output voltage can be set externally by the following equation:
I21=IFB+I22
………………………………………………………………………
(1)
I22=2.0V/R22
………………………………………………………………………
(2)
I21=IFB+2.0V/R22
………………………………………………………………………
If the equation (3) is assigned to the equation (2), the equation becomes as below:
VOUT=2.0V+R21・I21
………………………………………………………………………
(3)
For this, the following equation can be used for setting output voltage externally:
VOUT=2.0V+R21・I21
………………………………………………………………………
(4)
And the equation (4) will be;
VOUT=2.0V+R21 ・(IFB+2.0V/R22)
………………………………………………………………………
=2.0V・(R21 + R22) / R22 + R21・IFB
………………………………………………………………………
(5)
The second term of the equation (6), R21・IFB, is the cause of the output accuracy error.
The IFB can be calculated by the following equation:
IFB=2.0V / RFB
………………………………………………………………………
(6)
The cause of the output accuracy error, R21・IFB can be calculated by the equation below;
R21・IFB=R21・2.0V/ RFB
=2.0V・R21 / RFB
………………………………………………………………………
(7)
Accordingly, if R21<< RFB, the output voltage error becomes minute.
●
Setting Resistance-Dependant of XC6216 Series C type’s Output Voltage
5. Torex places an importance on improving our products and its reliability.
However, by any possibility, we would request user fail-safe design and post-aging treatment on system or equipment.
4. Notes on setting output voltage externally (C type) Ta=25℃
■
NOTES ON USE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com