전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAXQ3180-RAN+ 데이터시트(PDF) 23 Page - Maxim Integrated Products

부품명 MAXQ3180-RAN+
상세설명  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ 데이터시트(HTML) 23 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
23
Table 4. RAM Register Summary (continued)
NAME
ADDRESS
(BYTE)
DESCRIPTION
R/W
DEFAULT
VALUE
(HEX)
BITS
NAME
DESCRIPTION
LPF_B0FNS
90
0x05A
LPF Coefficient
for NS
Calculation
R/W
0x0800
15:0
—
LPF_B0FSM
92
0x05C
LPF Coefficient
for Samples
Calculation
R/W
0x1000
15:0
—
HPF_B0F
94
0x05E
HPF Coefficient
R/W
0x0200
15:0
—
BPF_B0F
96
0x060
BPF and BSF
Coefficient
R/W
0x1000
15:0
—
BPF_A1F
98
0x062
BPF and BSF
Coefficient
R/W
0x301A
15:0
—
RESERVED
100–107
System
—
—
—
—
—
PKCYC
108
0x06C
Number of Line
Cycles for Peak
Detection
R/W
0x0032
15:0
—
SAGCYC
110
0x06E
Number of Line
Cycles for Sag
Detection
R/W
0x0005
15:0
—
OCLVL
112
0x070
Overcurrent
Interrupt
Threshold
R/W
0x7FFF
15:0
—
OVLVL
114
0x072
Overvoltage
Interrupt
Threshold
R/W
0x7FFF
15:0
—
SAGLVL
116
0x074
Voltage Sag
Interrupt
Threshold
R/W
0x0000
15:0
—
IUBLVL
118
0x076
Current
Unbalance
Interrupt
Threshold
R/W
0xFFFF
15:0
—
VUBLVL
120
0x078
Voltage
Unbalance
Interrupt
Threshold
R/W
0xFFFF
15:0
—
NZC_TIMO
122
0x07A
Zero-Crossing
Timeout
R/W
0x0640
15:0
Number of frames to detect no-
zero crossing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48