전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAXQ3180-RAN+ 데이터시트(PDF) 30 Page - Maxim Integrated Products

부품명 MAXQ3180-RAN+
상세설명  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ 데이터시트(HTML) 30 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
30
______________________________________________________________________________________
Table 4. RAM Register Summary (continued)
NAME
ADDRESS
(BYTE)
DESCRIPTION
R/W
DEFAULT
VALUE
(HEX)
BITS
NAME
DESCRIPTION
PHASE_C_
KWHR1
708
Reactive Q1
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 1. Units defined by
KWHT setting.
PHASE_C_
KWHR2
710
Reactive Q2
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 2. Units defined by
KWHT setting.
PHASE_C_
KWHR3
712
Reactive Q3
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 3. Units defined by
KWHT setting.
PHASE_C_
KWHR4
714
Reactive Q4
Energy
RO
—
15:0
Accumulated reactive energy in
quadrant 4. Units defined by
KWHT setting.
PHASE_C_
KWHAP
716
Apparent Energy
RO
—
15:0
Accumulated apparent energy.
Units defined by KWHT setting.
PHASE_C_
KWHIH
718
Amp-Hours
RO
—
15:0
Accumulated amp-hours. Units
defined by KAHT setting.
PHASE_C_
I_GAIN
720
Current Gain
Coefficient
R/W
0x0000
15:0
Signed two’s complement;
Used to correct IRMS:
Y = X x (1 + gain/216)
PHASE_C_
V_GAIN
722
Voltage Gain
Coefficient
R/W
0x0000
15:0
Signed two’s complement;
Used to correct VRMS:
Y = X x (1 + gain/216)
PHASE_C_
E_GAIN_HI
724
Power and
Energy Gain
Coefficient
R/W
0x0000
15:0
Signed two’s complement;
Used to correct pwr:
Y = X x (1 + gain/216)
PHASE_C_
EOFF_HI
726
Linearity
Coefficient:
High Range
Energy Offset
R/W
0x0000
15:0
Signed two’s complement;
Used to correct energy:
Y = X - Eoff_hi
PHASE_C_
E_GAIN_LO
728
Linearity
Coefficient:
Low Range
Energy Gain
R/W
0x0000
15:0
Signed two’s complement;
Used to correct pwr:
Y = X x (1 + gain/216)
PHASE_C_
EOFF_LO
730
Linearity
Coefficient:
Low Range
Energy Offset
R/W
0x0000
15:0
Signed two’s complement;
Used to correct pwr:
Y = X - Eoff_lo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com