| 전자부품 데이터시트 검색엔진 |
|
R3111Q552B 데이터시트(PDF) 21 Page - Nisshinbo Micro Devices Inc. |
|
|
|||||||||||||||||||||||||||||
R3111Q552B 데이터시트(HTML) 21 Page - Nisshinbo Micro Devices Inc. |
|
21 / 43 page ![]() R3111x 21 R3111E (TO-92) is the discontinued product as of April, 2017. Marking Specification Table (SC-82AB) R3111Qxx1A R3111Qxx1C R3111Qxx1B Part Number Part Number Part Number R3111Q091A R3111Q101A R3111Q111A R3111Q121A R3111Q131A R3111Q141A R3111Q151A R3111Q161A R3111Q171A R3111Q181A R3111Q191A R3111Q201A R3111Q211A R3111Q221A R3111Q231A R3111Q241A R3111Q251A R3111Q261A R3111Q271A R3111Q281A R3111Q291A R3111Q301A R3111Q311A R3111Q321A R3111Q331A R3111Q341A R3111Q351A R3111Q361A R3111Q371A R3111Q381A R3111Q391A R3111Q401A R3111Q411A R3111Q421A R3111Q431A R3111Q441A R3111Q451A R3111Q461A R3111Q471A R3111Q481A R3111Q491A R3111Q501A R3111Q511A R3111Q521A R3111Q531A R3111Q541A R3111Q551A R3111Q561A R3111Q571A R3111Q581A R3111Q591A R3111Q601A K9 L0 L1 L2 L3 L4 L5 L6 L7 L8 L9 M0 M1 M2 M3 M4 M5 M6 M7 M8 M9 N0 N1 N2 N3 N4 N5 N6 N7 N8 N9 P0 P1 P2 P3 P4 P5 P6 P7 P8 P9 R0 R1 R2 R3 R4 R5 R6 R7 R8 R9 S0 R3111Q091C R3111Q101C R3111Q111C R3111Q121C R3111Q131C R3111Q141C R3111Q151C R3111Q161C R3111Q171C R3111Q181C R3111Q191C R3111Q201C R3111Q211C R3111Q221C R3111Q231C R3111Q241C R3111Q251C R3111Q261C R3111Q271C R3111Q281C R3111Q291C R3111Q301C R3111Q311C R3111Q321C R3111Q331C R3111Q341C R3111Q351C R3111Q361C R3111Q371C R3111Q381C R3111Q391C R3111Q401C R3111Q411C R3111Q421C R3111Q431C R3111Q441C R3111Q451C R3111Q461C R3111Q471C R3111Q481C R3111Q491C R3111Q501C R3111Q511C R3111Q521C R3111Q531C R3111Q541C R3111Q551C R3111Q561C R3111Q571C R3111Q581C R3111Q591C R3111Q601C T9 U0 U1 U2 U3 U4 U5 U6 U7 U8 U9 V0 V1 V2 V3 V4 V5 V6 V7 V8 V9 W0 W1 W2 W3 W4 W5 W6 W7 W8 W9 X0 X1 X2 X3 X4 X5 X6 X7 X8 X9 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Z0 R3111Q091B R3111Q101B R3111Q111B R3111Q121B R3111Q131B R3111Q141B R3111Q151B R3111Q161B R3111Q171B R3111Q181B R3111Q191B R3111Q201B R3111Q211B R3111Q221B R3111Q231B R3111Q241B R3111Q251B R3111Q261B R3111Q271B R3111Q281B R3111Q291B R3111Q301B R3111Q311B R3111Q321B R3111Q331B R3111Q341B R3111Q351B R3111Q361B R3111Q371B R3111Q381B R3111Q391B R3111Q401B R3111Q411B R3111Q421B R3111Q431B R3111Q441B R3111Q451B R3111Q461B R3111Q471B R3111Q481B R3111Q491B R3111Q501B R3111Q511B R3111Q521B R3111Q531B R3111Q541B R3111Q551B R3111Q561B R3111Q571B R3111Q581B R3111Q591B R3111Q601B 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 |