전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M7040N 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 M7040N
상세설명  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N 데이터시트(HTML) 3 Page - STMicroelectronics

  M7040N Datasheet HTML 1Page - STMicroelectronics M7040N Datasheet HTML 2Page - STMicroelectronics M7040N Datasheet HTML 3Page - STMicroelectronics M7040N Datasheet HTML 4Page - STMicroelectronics M7040N Datasheet HTML 5Page - STMicroelectronics M7040N Datasheet HTML 6Page - STMicroelectronics M7040N Datasheet HTML 7Page - STMicroelectronics M7040N Datasheet HTML 8Page - STMicroelectronics M7040N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 159 page
background image
3/159
M7040N
REGISTERS . ....... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....22
Register Overview (Table 9.) ..... ....... ...... ....... ...... ....... ...... ...... ....22
Comparand Registers .... ...... ....... ...... ....... ...... ....... ...... ...... .... 23
Comparand Register Selection During SEARCH and LEARN Instructions (Figure 13.) ..... ....23
Mask Registers ... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....23
Addressing the Global Masks Register Array (Figure 14.) . . ...... ....... ...... ...... ....23
SEARCH-Successful Registers (SSR[0:7]) . ...... ....... ...... ....... ...... ...... .... 24
SEARCH-Successful Register (SSR) Description (Table 10.)...... ....... ...... ...... ....24
The Command Register .. ...... ....... ...... ....... ...... ....... ...... ...... ....25
Command Register Field Descriptions (Table 11.) . ....... ...... ....... ...... ...... ....25
The Information Register .. ...... ....... ...... ....... ...... ....... ...... ...... ....26
Information Register Field Descriptions (Table 12.) ....... ...... ....... ...... ...... ....26
The Read BurstAddress Register (RBURREG) ... ....... ...... ....... ...... ...... ....27
Read BurstRegister Description (Table 13.) ...... ....... ...... ....... ...... ...... ....27
The Write Burst Address Register (WBURREG). . . ....... ...... ....... ...... ...... ....27
Write Burst Register Description (Table 14.) ...... ....... ...... ....... ...... ...... ....27
The NFA Register . ...... ...... ....... ...... ....... ...... ....... ...... ...... ....27
NFARegister (Table 15.). . ...... ....... ...... ....... ...... ....... ...... ...... ....27
SEARCH ENGINE ARCHITECTURE . ....... ...... ....... ...... ....... ...... ...... ....28
Data and Mask Addressing ...... ....... ...... ....... ...... ....... ...... ...... ....28
M7040N Database Width Configuration (Figure 15.) ...... ...... ....... ...... ...... ....28
Bit Position Match (Table 16.) .... ....... ...... ....... ...... ....... ...... ...... ....29
Multi-width Configuration Example (Figure 16.) ... ....... ...... ....... ...... ...... .... 29
M7040N Data and Mask ArrayAddressing (Figure 17.) .... ...... ....... ...... ...... .... 29
COMMAND CODES AND PARAMETERS .... ...... ....... ...... ....... ...... ...... ....30
Command Codes. . ...... ...... ....... ...... ....... ...... ....... ...... ...... ....30
Commandsand Command Parameters ... ...... ....... ...... ....... ...... ...... ....30
Command Codes(Table 17.) .... ....... ...... ....... ...... ....... ...... ...... ....30
Command Parameters (Table 18.) ....... ...... ....... ...... ....... ...... ...... ....31
READ COMMAND.... ...... ...... ....... ...... ....... ...... ....... ...... ...... ....32
Single Location READ Cycle Timing (Figure 18.) . . ....... ...... ....... ...... ...... ....33
BurstREAD of the Data and Mask Arrays (BLEN = 4) (Figure 19.) . ....... ...... ...... ....33
READ Command Parameters (Table 19.) . . ...... ....... ...... ....... ...... ...... ....34
Data and Mask Array, SRAM Read AddressFormat(Table 20.) ... ....... ...... ...... ....34
READ AddressFormat for Internal Registers(Table 21.) ... ...... ....... ...... ...... ....35
READ AddressFormat for Data and MaskArrays (Table 22.) ..... ....... ...... ...... ....35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More