전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6931UTST6 데이터시트(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6931UTST6
상세설명  High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6931UTST6 데이터시트(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6931UTST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DIO6931U
Version 1.0, Nov 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
8
7. Application Information
7.1. Typical application
The DIO6931U is a synchronous buck regulator IC that integrates the COT control, top and bottom switches
on the same die to minimize the switching transition loss and conduction loss. With ultra low RDS(ON) power
switches and proprietary COT control, this regulator IC can achieve the highest efficiency and the highest
switch frequency simultaneously to minimize the external inductor and capacitor size, and thus achieving the
minimum solution footprint.
Because of the high integration in the DIO6931U IC, the application circuit based on this regulator IC is rather
simple. Only input capacitor CIN, output capacitor COUT, output inductor L1 and feedback resistors (R1 and R2)
need to be selected for the targeted applications specifications.
7.2. Feedback resistor dividers R1 and R2
Choose R1 and R2 to program the proper output voltage. To minimize the power consumption under light
loads, it is desirable to choose large resistance values for both R1 and R2. A value of between 10 kΩ and 1
MΩ is highly recommended for both resistors. If VOUT is 3.3 V, R1 = 45.3 kΩ is chosen, then R2 can be
calculated to be 10 kΩ.
R2 =
1
OUT
R
0.6V
V
0.6V
-
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com