전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GP32/2 데이터시트(PDF) 23 Page - Clarke International

부품명 GP32/2
상세설명  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARKE [Clarke International]
홈페이지  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 데이터시트(HTML) 23 Page - Clarke International

Back Button GP32/2 Datasheet HTML 19Page - Clarke International GP32/2 Datasheet HTML 20Page - Clarke International GP32/2 Datasheet HTML 21Page - Clarke International GP32/2 Datasheet HTML 22Page - Clarke International GP32/2 Datasheet HTML 23Page - Clarke International GP32/2 Datasheet HTML 24Page - Clarke International GP32/2 Datasheet HTML 25Page - Clarke International GP32/2 Datasheet HTML 26Page - Clarke International GP32/2 Datasheet HTML 27Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
23
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TO DRAIN THE CARBURETTOR
1. Loosen the right maintenance cover
knobs, and remove the cover from
the side panel.
2. Turn the Main Switch to the Start/
Run position.
3. Remove the battery.
4. Prepare an approved petrol storage
container and position it directly
under the carburettor drain screw
to catch the fuel.
5. Loosen the drain screw.
6. Allow the fuel to drain completely into the container.
7. Retighten the drain screw securely.
8. Turn the Main switch to the Off position.
9. Reinstall the maintenance cover
NOTE: Make sure to drain the carburettor before storing the generator for long
periods of time.
DRAINING/CHANGING THE OIL
Change the oil more often if operating under heavy load or high ambient
temperature. It is also necessary to drain the oil from the crankcase if it has become
contaminated with water or dirt. Changing the oil when the engine is warm allows for
complete drainage. Change the oil according to the recommended maintenance
schedule on page 19.
TO CHANGE THE ENGINE OIL:
1. With the help of another person, place the generator on an elevated platform such
as a table or workbench.
2. Loosen the screws of the left hand
side maintenance cover, and remove
the cover from the side panel.
3. Place a suitable container underneath
the generator to catch the used oil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44