전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GP32/2 데이터시트(PDF) 29 Page - Clarke International

부품명 GP32/2
상세설명  7.5KW INVERTER GENERATOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARKE [Clarke International]
홈페이지  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

GP32/2 데이터시트(HTML) 29 Page - Clarke International

Back Button GP32/2 Datasheet HTML 25Page - Clarke International GP32/2 Datasheet HTML 26Page - Clarke International GP32/2 Datasheet HTML 27Page - Clarke International GP32/2 Datasheet HTML 28Page - Clarke International GP32/2 Datasheet HTML 29Page - Clarke International GP32/2 Datasheet HTML 30Page - Clarke International GP32/2 Datasheet HTML 31Page - Clarke International GP32/2 Datasheet HTML 32Page - Clarke International GP32/2 Datasheet HTML 33Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
29
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TROUBLESHOOTING
PROBLEM
POSSIBLE CAUSE
SOLUTION
The generator
fails to start
Battery not charged
Charge battery
Engine switch is in the OFF
position
Turn engine switch to the ON
position
No fuel
Fill fuel tank (see pages 13-14)
Stale petrol or water in petrol
Drain entire system and refill
with fresh fuel (see pages 22-
23)
Engine oil level is low
Engine is equipped with Low Oil
Shutoff. If engine oil level is low,
it must be filled before unit will
start. Check engine oil level and
fill if necessary (see pages 12-
13)
Fuel switch is in the OFF
position
Turn fuel switch to the ON posi-
tion
Spark plug faulty, fouled, or
improperly gapped
Replace spark plug (see page
21)
Engine stored without
treating or draining petrol, or
refueled with bad petrol
Drain fuel. Refuel with fresh pet-
rol (see pages 22-23)
Dirty fuel filter
Replace fuel filter or contact the
CLARKE service
department
Engine lacks
power
Dirty air filter
Check air filter element. Clean
or replace as needed (see page
20)
Engine stored without
treating or draining petrol, or
refueled with bad petrol
Drain fuel. refuel with fresh pet-
rol (see pages 22-23). If
problem continues, contact the
CLARKE service
department



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44