| 전자부품 데이터시트 검색엔진 |
|
GP32/2 데이터시트(PDF) 25 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
GP32/2 데이터시트(HTML) 25 Page - Clarke International |
|
25 / 44 page ![]() 25 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com STORING THE GENERATOR Shut off the generator and allow the unit to cool to room temperature before storing it. NEVER place any type of storage cover on the generator while it is still hot. DO NOT obstruct any ventilation openings. Follow the procedures below for properly storing your generator. We highly recommend running your generator once a month for 20 to 30 minutes. Plug in a small load to ensure there is proper power output. FOR SHORT PERIODS (30 TO 60 DAYS) NOTE: DO NOT store fuel for more than 2 months • Drain the fuel tank and carburettor (see section Draining the Fuel Tank/ carburettor on pages 22-23). • Disconnect the negative lead from the battery (see section Connecting the Battery on pages 14-15). • Add fuel stabiliser. Follow the suggested portions and instructions for your preferred stabiliser. Run the engine for 15 to 20 minutes, allowing the fuel stabiliser to mix with the petrol and circulate through the carburettor, and then top off with fuel. Filling the fuel tank full reduces the amount of air in the tank and helps fight deterioration of the fuel. FOR EXTENDED PERIODS (OVER 60 DAYS) • Disconnect the negative lead from the battery (see section Connecting the Battery on pages 14-15). • Drain the fuel tank and carburettor (see section Draining the Fuel Tank/ carburettor on pages 22-23). NEVER store the generator with fuel in the tank for more than two months. • Change the engine oil (see section Draining and Changing the Oil on pages 23- 24). FOR 1 YEAR OR MORE • Remove the spark plug, put a tablespoon of engine oil into the spark plug cylinder. Turn the engine slowly using the pull rope to distribute the engine oil. Reinstall the spark plug. • Drain the fuel tank and carburettor (see section Draining the Fuel Tank/ carburettor on pages 22-23). • Change the engine oil. • After removal from storage, fill with fresh petrol. |