전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8D2AFDCAC 데이터시트(PDF) 78 Page - Renesas Technology Corp

부품명 R7KA8D2AFDCAC
상세설명  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC 데이터시트(HTML) 78 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAC Datasheet HTML 74Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 75Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 76Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 77Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 78Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 79Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 80Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 81Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 292 page
background image
Table 2.35
Coremark and normal mode current, CPU0 Deep Sleep, CPU1 active. (DCDC mode and External VDD
mode)
Parameter
Symbol Typ
Max
Unit Test conditions
95
°C
105
°C
Supply
current*1*2
CPUCLK1 =
250 MHz
VSCR_1
VCL =
voltage
range 1
Coremark
Cache on
IDD
215
—
—
μA/
MH
z
CPU0 = Deep Sleep
Graphics and ESWM power
domain off
CPUCLK0 = 1 GHz, MRICLK
= 250 MHz, MRPCLK = 15.6
MHz, ICLK = 250 MHz, PCLKA
= 15.6 MHz, PCLKB = 15.6
MHz, PCLKC = 15.6 MHz,
PCLKD = 15.6 MHz, PCLKE =
15.6 MHz, BCLK = 15.6 MHz
Cache off, executing
from ITCM
197
—
—
Cache off, executing
from SRAM
194
—
—
Cache off, executing
from MRAM
268
—
—
Normal
mode
All peripheral disabled,
Cache on, while (1)
code
201
—
—
All peripheral disabled,
Cache off, while (1)
code executing from
MRAM
264
—
—
CPUCLK1 =
200 MHz
VSCR_1
VCL =
voltage
range 1
Coremark
Cache on
236
—
—
μA/
MH
z
CPU0 = Deep Sleep
Graphics and ESWM power
domain off
CPUCLK0 = 800MHz, MRICLK
= 200 MHz, MRPCLK = 12.5
MHz, ICLK = 200 MHz, PCLKA
= 12.5 MHz, PCLKB = 12.5
MHz, PCLKC = 12.5 MHz,
PCLKD = 12.5 MHz, PCLKE =
12.5 MHz, BCLK = 12.5 MHz
Cache off, executing
from ITCM
218
—
—
Cache off, executing
from SRAM
215
—
—
Cache off, executing
from MRAM
299
—
—
Normal
mode
All peripheral disabled,
Cache on, while (1)
code
222
—
—
All peripheral disabled,
Cache off, while (1)
code executing from
MRAM
297
—
—
CPUCLK1 =
150 MHz
VSCR_2
VCL =
voltage
range 2
Coremark
Cache on
265
—
—
μA/
MH
z
CPU0 = Deep Sleep
Graphics and ESWM power
domain off
CPUCLK0 = 600MHz, MRICLK
= 150 MHz, MRPCLK = 9.4
MHz, ICLK = 150 MHz, PCLKA
= 9.4 MHz, PCLKB = 9.4 MHz,
PCLKC = 9.4 MHz, PCLKD =
9.4 MHz, PCLKE = 9.4 MHz,
BCLK = 9.4 MHz
Cache off, executing
from ITCM
247
—
—
Cache off, executing
from SRAM
244
—
—
Cache off, executing
from MRAM
326
—
—
Normal
mode
All peripheral disabled,
Cache on, while (1)
code
252
—
—
All peripheral disabled,
Cache off, while (1)
code executing from
MRAM
324
—
—
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 78 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com