전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8D2AFDCAC 데이터시트(PDF) 98 Page - Renesas Technology Corp

부품명 R7KA8D2AFDCAC
상세설명  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC 데이터시트(HTML) 98 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAC Datasheet HTML 94Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 95Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 96Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 97Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 98Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 99Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 100Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 101Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 292 page
background image
2.2.6
VCC Rise and Fall Gradient and Ripple Frequency
Table 2.40
VCC rise and fall gradient characteristics at power on/off
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
VCC rising gradient at power on*1
SrVCC
0.0084 —
20
ms/V
—
VCC falling gradient
at power off
VBATT function is disabled*1
SfVCC1
0.0084 —
—
ms/V
—
VBATT function is enabled.
SfVCC2
1.0000 —
—
—
Note 1. In case the VCC voltage crosses VPOR1
Table 2.41
VCC ripple frequency and gradient characteristics during operation
The ripple voltage must meet the allowable ripple frequency fr(VCC) within the range between the VCC upper limit (3.63 V) and lower limit
(1.62 V). When the VCC change exceeds VCC ±10%, the allowable voltage change rising and falling gradient dt/dVCC must be met.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Allowable ripple frequency
fr (VCC)
—
—
10
kHz
Figure 2.23
Vr(VCC) ≤ VCC × 0.2
—
—
1
MHz
Figure 2.23
Vr(VCC) ≤ VCC × 0.08
—
—
10
MHz
Figure 2.23
Vr(VCC) ≤ VCC × 0.06
Allowable voltage change
rising and falling gradient
dt/dVCC*1
1.0
—
—
ms/V
When VCC change exceeds
VCC ±10%
Note 1. In case the VCC voltage does not cross VPOR1.
Vr(VCC)
VCC
1 / fr(VCC)
Figure 2.23
Ripple waveform
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 98 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com