전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8D2AFDCAC 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 R7KA8D2AFDCAC
상세설명  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAC Datasheet HTML 7Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 8Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 9Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 10Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 11Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 12Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 13Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 14Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 292 page
background image
1.4
Function Comparison
Table 1.14
Function Comparison (1 of 2)
Parts number
R7KA8D
2AxxCA
C
R7KA8D
2BxxCA
C
R7KA8D
2JxxCA
C
R7KA8D
2KxxCA
C
R7KA8D
2AxxCA
B
R7KA8D
2BxxCA
B
R7KA8D
2JxxCA
B
R7KA8D
2KxxCA
B
R7JA8D
2JxxSAJ
R7JA8D
2KxxSAJ
Pin count
289
224
303
Package
BGA
I/O Port
208
199
208
199
149
142
149
142
195
186
Code MRAM
1 MB, 512 KB
1 MB
CPU0 TCM
256 KB
CPU1 TCM
No
128 KB
No
128 KB
CPU0 I/D Caches
32 KB
CPU1 C/S Caches
No
32 KB
No
32 KB
SRAM
1792 KB
1664 KB
1792 KB
1664 KB
Flash
No
8 MB, 4 MB
DMA
DTC
1
2
1
2
DMAC
8
16
8
16
BUS
External
bus
32-bit bus
16-bit bus
SDRAM
32-bit bus
16-bit bus
System
CPU0
clock
1 GHz (max.)
CPU1
clock
No
250 MHz (max.)
No
250 MHz (max.)
CPUs
clock
sources
MOSC, SOSC, HOCO, MOCO, PLL1P
CAC
Yes
WDT
1
2
1
2
IWDT
Yes
Backup
register
128 B
Communic
ation
SCI
10
9
10
IIC
3
I3C
Yes
SPI
2
CANFD
2
USBFS
Yes
USBHS
Yes
OSPI
2
1
2*2
SSIE
2
SDHI/MM
C
2
ESWM
MII, RMII, GMII, RGMII
MII, RMII, RGMII
MII, RMII, GMII,
RGMII
PDMIF
Yes
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 11 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com