| 전자부품 데이터시트 검색엔진 |
|
B72580E1140S262 데이터시트(PDF) 68 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B72580E1140S262 데이터시트(HTML) 68 Page - EPCOS |
|
68 / 81 page ![]() CTVS - Ceramic transient voltage suppressors SMD multilayer varistors (MLVs), automotive E series PPD ML PD 2021-01-08 Please read Cautions and warnings and Page 68 of 81 Important notes at the end of this document. Soldering directions 1 Terminations and soldering methods 1.1 Nickel barrier termination The nickel barrier layer of the silver/nickel/tin termination prevents leaching of the silver base met- allization layer. This allows great flexibility in the selection of soldering parameters. The tin prevents the nickel layer from oxidizing and thus ensures better wetting by the solder. The nickel barrier termination is suitable for lead-free soldering, as well as for other commonly-used soldering methods. Multilayer CTVS: Structure of nickel barrier termination |