전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B72580E1140S262 데이터시트(PDF) 70 Page - EPCOS

부품명 B72580E1140S262
상세설명  SMD multilayer varistors (MLVs), automotive E series
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E1140S262 데이터시트(HTML) 70 Page - EPCOS

Back Button B72580E1140S262 Datasheet HTML 66Page - EPCOS B72580E1140S262 Datasheet HTML 67Page - EPCOS B72580E1140S262 Datasheet HTML 68Page - EPCOS B72580E1140S262 Datasheet HTML 69Page - EPCOS B72580E1140S262 Datasheet HTML 70Page - EPCOS B72580E1140S262 Datasheet HTML 71Page - EPCOS B72580E1140S262 Datasheet HTML 72Page - EPCOS B72580E1140S262 Datasheet HTML 73Page - EPCOS B72580E1140S262 Datasheet HTML 74Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
CTVS - Ceramic transient voltage suppressors
SMD multilayer varistors (MLVs), automotive E series
PPD ML PD
2021-01-08
Please read Cautions and warnings and
Page 70 of 81
Important notes at the end of this document.
3
Solder joint profiles / solder quantity
3.1
Nickel barrier termination
If the meniscus height is too low, that means the solder quantity is too low, the solder joint may break,
i.e. the component becomes detached from the joint. This problem is sometimes interpreted as
leaching of the external terminations.
If the solder meniscus is too high, i.e. the solder quantity is too large, the vise effect may occur. As the
solder cools down, the solder contracts in the direction of the component. If there is too much solder
on the component, it has no leeway to evade the stress and may break, as in a vise.
The figures below show good and poor solder joints for dual-wave and infrared soldering.
3.1.1 Solder joint profiles for nickel barrier termination
Good and poor solder joints caused by amount of solder in reflow soldering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81