| 전자부품 데이터시트 검색엔진 |
|
B72580E1140S262 데이터시트(PDF) 79 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B72580E1140S262 데이터시트(HTML) 79 Page - EPCOS |
|
79 / 81 page ![]() CTVS - Ceramic transient voltage suppressors SMD multilayer varistors (MLVs), automotive E series PPD ML PD 2021-01-08 Please read Cautions and warnings and Page 79 of 81 Important notes at the end of this document. Operation Use CTVS only within the specified operating temperature range. Use CTVS only within specified voltage and current ranges. Environmental conditions must not harm a CTVS. Only use them in normal atmospheric conditions. Reducing the atmosphere (e.g. hydrogen or nitrogen atmosphere) is prohibited. Prevent a CTVS from contacting liquids and solvents. Make sure that no water enters a CTVS (e.g. through plug terminals). Avoid dewing and condensation. TDK Electronics CTVS components are mainly designed for encased applications. Under all circumstances avoid exposure to: − direct sunlight − rain or condensation − steam, saline spray − corrosive gases − atmosphere with reduced oxygen content TDK Electronics CTVS devices are not suitable for switching applications or voltage stabilization where static power dissipation is required. This listing does not claim to be complete, but merely reflects the experience of TDK Electronics AG. Display of ordering codes for TDK Electronics products The ordering code for one and the same product can be represented differently in data sheets, data books, other publications, on the company website, or in order-related documents such as shipping notes, order confirmations and product labels. The varying representations of the ordering codes are due to different processes employed and do not affect the specifications of the respective products. Detailed information can be found on the Internet under www.tdk-electronics.tdk.com/orderingcodes. |