전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B72580E1140S262 데이터시트(PDF) 2 Page - EPCOS

부품명 B72580E1140S262
상세설명  SMD multilayer varistors (MLVs), automotive E series
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B72580E1140S262 데이터시트(HTML) 2 Page - EPCOS

  B72580E1140S262 Datasheet HTML 1Page - EPCOS B72580E1140S262 Datasheet HTML 2Page - EPCOS B72580E1140S262 Datasheet HTML 3Page - EPCOS B72580E1140S262 Datasheet HTML 4Page - EPCOS B72580E1140S262 Datasheet HTML 5Page - EPCOS B72580E1140S262 Datasheet HTML 6Page - EPCOS B72580E1140S262 Datasheet HTML 7Page - EPCOS B72580E1140S262 Datasheet HTML 8Page - EPCOS B72580E1140S262 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
CTVS - Ceramic transient voltage suppressors
SMD multilayer varistors (MLVs), automotive E series
PPD ML PD
2021-01-08
Please read Cautions and warnings and
Page 2 of 81
Important notes at the end of this document.
Features
Single chip
Reliable ESD protection up to 30 kV acc. to IEC
61000-4-2, level 4 (8 kV contact, 15 kV air)
High energy absorption capability
Low leakage current
Long-term ESD stability
Bidirectional protection
No temperature derating up to +150 °C
RoHS-compatible, lead-free
Nickel barrier suitable for lead-free soldering
Qualification based on AEC-Q200
PSpice simulation models available
Applications
Transient overvoltage protection in automotive
applications: engine management, airbag, control
units, electrohydraulic brake, ABS/ESP, sunroof
Load-dump protection
Jump-start protection
Design
Multilayer technology
Flammability rating better than UL 94 V-0
Termination (see “Soldering directions”):
−
CT types with nickel barrier terminations (AgNiSn),
recommended for lead-free reflow and wave
soldering, and compatible with tin/lead solder.
V/I characteristics and derating curves
V/I and derating curves are attached to the data sheet.
The curves are sorted by VRMS and then by case size,
which is included in the type designation.
Internal circuit
Available case sizes:
EIA
Metric
0402
1005
0603
1608
0805
2012
1206
3216
1210
3225
1812
4532
2220
5750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81