전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVC43-MC 데이터시트(PDF) 7 Page - EPCOS

부품명 HVC43-MC
상세설명  High-voltage contactor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

HVC43-MC 데이터시트(HTML) 7 Page - EPCOS

Back Button HVC43-MC Datasheet HTML 3Page - EPCOS HVC43-MC Datasheet HTML 4Page - EPCOS HVC43-MC Datasheet HTML 5Page - EPCOS HVC43-MC Datasheet HTML 6Page - EPCOS HVC43-MC Datasheet HTML 7Page - EPCOS HVC43-MC Datasheet HTML 8Page - EPCOS HVC43-MC Datasheet HTML 9Page - EPCOS HVC43-MC Datasheet HTML 10Page - EPCOS HVC43-MC Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC43-MC
PPD AB PD / PPD AB PM
Version: 02 / 2024-10-22
Please read Cautions and warnings and
Page 7 of 14
Important notes at the end of this document.
Installation information
Connection name
Type
Marking
Finishing
Remarks
A1
Main terminal M6
A1
Copper contact
surface
Max. screw ingress depth
7.5 mm, tightening torque
6…8 Nm
A2
Main terminal M6
A2
Coil (+)
Coil terminal
Pos. 2
Micro-fit 3.0
(Molex)
Max. allowable pull force
10 N
Coil (−)
Coil terminal
Pos. 3
Aux COM
Auxiliary contact
Pos. 1
Aux NC
Auxiliary contact
Pos. 4
Case mounting
Contactor mounting
M6
None
Stainless steel
insert
Tightening torque 4…6 Nm
Important:
Coil terminations should be suppressed with a surge protection device. Preferably a varistor (e.g. S10K30,
B72210S0300K101 or equivalent) should be installed in parallel, see “Cautions and warnings”. If an alternative
coil suppression device is used, the clamping voltage must not be smaller than 50 V.
Auxiliary contacts NC and COM are normally closed.
When the contacts are open and the coil voltage is “0 V”, the part is stuck.
Auxiliary contact
Example circuit to realize stuck detection:
The LED will be ON when the contactor is OFF.
In case the contactor is stuck, the Aux COM and Aux NC contacts will remain open, hence the circuit
is open, and the LED will be off, indicating the malfunction.
Packing unit
Delivery unit
B88269X…
C011 = 1 pc. in cardboard box
10 pcs. in cardboard box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com