전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVC43-MC 데이터시트(PDF) 11 Page - EPCOS

부품명 HVC43-MC
상세설명  High-voltage contactor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

HVC43-MC 데이터시트(HTML) 11 Page - EPCOS

Back Button HVC43-MC Datasheet HTML 6Page - EPCOS HVC43-MC Datasheet HTML 7Page - EPCOS HVC43-MC Datasheet HTML 8Page - EPCOS HVC43-MC Datasheet HTML 9Page - EPCOS HVC43-MC Datasheet HTML 10Page - EPCOS HVC43-MC Datasheet HTML 11Page - EPCOS HVC43-MC Datasheet HTML 12Page - EPCOS HVC43-MC Datasheet HTML 13Page - EPCOS HVC43-MC Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC43-MC
PPD AB PD / PPD AB PM
Version: 02 / 2024-10-22
Please read Cautions and warnings and
Page 11 of 14
Important notes at the end of this document.
For continuous high current operation, make sure that the temperatures of the connection
terminals do not exceed 130 °C by selecting an appropriate cable or busbar cross section, or
active cooling.
Switching capacitive loads can lead to high inrush currents and can cause welding of the main
connections (tack-welding). These inrush currents need to be limited as much as possible. Even
short inrush currents in the microsecond range can lead to tack-welding. Please ensure with
appropriate pre-charging that the differential voltage across the main terminals is as low as
possible when closing the contactor. Please ensure that any connected capacitances are pre-
charged to a minimum of 98% (5 time constants).
In the event of a break under inductive load, the voltage at the connection terminals must not
exceed the nominal operating voltage by more than 10%. Break of inductive loads with time
constant greater than 1 ms will shorten the lifetime. Failure may also occur.
The contactor is bi-directional (no polarity of main connections). The service life curves are
estimated based on the requirements of IEC 60947-4-1 Chapter 8.2.4, where 50% of the
operations are performed in positive direction and 50% in negative direction.
After long-term operation, the contactor coil resistance is increased due to the temperature rise. If
the contactor is switched on immediately afterwards, the coil characteristics may be deteriorated.
In the event of a current exceeding the maximum breaking current by more than 50% or
triggering a series fuse, the contactor must be considered damaged and replaced.
The lifetime depends on several factors like e.g. load type, driving circuit and ambient conditions.
We recommend checking the performance of the part under actual conditions.
Simultaneously applied maximum operation parameters for e.g. coil voltage, over currents,
temperature, vibration etc. may lead to reduced lifetime. We recommend applying rated settings
to achieve optimum life performance.
The contactor must not be operated without any load. This may increase the contact resistance.
The operating life of the contactor can be affected by strong magnetic fields. Please ensure that
there are no magnetic field sources in proximity and avoid nearby installed heat sources.
We recommend separating or shielding the low voltage side (coil and auxiliary connections if
available) from the high voltage side (main connection terminals).
The coil input voltage needs to be kept stable and without disturbances. It should always remain
above the minimum value of the coil voltage operation range specified in the datasheet.
Distortions of the DC supply of the contactor may influence the electronics. Superimposed
voltages at frequencies > 10 Hz and > 3 V peak to peak must be avoided. Otherwise, the coil
may become hot and fail.
For a successful pick-up, the coil voltage cannot be ramped up slowly. It needs to be applied
instantly (within less than 1 ms) to at least the maximum pick-up voltage. For a successful
breaking, the coil voltage cannot be ramped down slowly. It needs to be switched off instantly
(within less than 1 ms).
The contactor is not intended to be used with pulse width modulation (PWM) controllers. Please
contact TDK for details.
To protect the coil contacts from overvoltage when switching off, a protection device needs to be
installed in parallel to the coil.
The auxiliary contact is a mirror contact acc. to IEC 60947-4-1 Annex F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com