전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVC43-MC 데이터시트(PDF) 3 Page - EPCOS

부품명 HVC43-MC
상세설명  High-voltage contactor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

HVC43-MC 데이터시트(HTML) 3 Page - EPCOS

  HVC43-MC Datasheet HTML 1Page - EPCOS HVC43-MC Datasheet HTML 2Page - EPCOS HVC43-MC Datasheet HTML 3Page - EPCOS HVC43-MC Datasheet HTML 4Page - EPCOS HVC43-MC Datasheet HTML 5Page - EPCOS HVC43-MC Datasheet HTML 6Page - EPCOS HVC43-MC Datasheet HTML 7Page - EPCOS HVC43-MC Datasheet HTML 8Page - EPCOS HVC43-MC Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC43-MC
PPD AB PD / PPD AB PM
Version: 02 / 2024-10-22
Please read Cautions and warnings and
Page 3 of 14
Important notes at the end of this document.
Specification 9
Type HVC43-…
150A
200A
250A
Contact
Maximum operating voltage
1000
V DC
Continuous current
Ith
Temporary overcurrent (10 min)
ICW1
Temporary overcurrent (1 min)
ICW2
150
260
440
200
290
480
250
320
540
A DC
A DC
A DC
Rated operational voltage 10, 11
Ue
Rated operational current 10, 11
Ie
Contact resistance at 100 A DC
- typical
- max.
Insulation resistance at 1000 V DC
- contact to contact / contact to coil
Dielectric strength 12
- contact to contact / contact to coil
Rated impulse withstand voltage 13
Uimp
1000
60
0.125
0.25
≥ 1
≥ 4400
8
V DC
A DC
mΩ
mΩ
GΩ
V AC
kV
Operating time 14
- make
- break
≤ 30
≤ 15
ms
ms
Electrical endurance 11, 15, 16
Mechanical 17
- max. 1 V, 1 A DC (make & break)
Capacitive
- at 20 V DC, 140 A DC (make)
Resistive
- at 450 V DC, 200 A DC (make & break)
- at 450 V DC, 250 A DC (break) 18
Maximum cut-off 19
- at 450 V DC, 2000 A DC (break) 20
- at 1000 V DC, 450 A DC (break) 21
350000
70000
1000
550
1
1
operations
operations
operations
operations
operation
operation
Coil type 15
12 V
24 V
Rated control voltage (nominal)
Uc
Operating voltage range
U1 … U2
Pick-up voltage (max.)
U1
Drop-out voltage (min.)
Minimum holding current
Power at nominal voltage 22
Nominal resistance
12
9 … 16
9
1
0.16
5.8
24
24
18 … 32
18
2
0.08
5.8
96
V DC
V DC
V DC
V DC
A DC
W
Ω
Auxiliary contact
Operating voltage range
Max. operating current
Min. operating current
Max. resistance
1…24
1
10
500
V DC
A DC
mA DC
mΩ
See “Notes” on page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com