전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVC43-MC 데이터시트(PDF) 9 Page - EPCOS

부품명 HVC43-MC
상세설명  High-voltage contactor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

HVC43-MC 데이터시트(HTML) 9 Page - EPCOS

Back Button HVC43-MC Datasheet HTML 5Page - EPCOS HVC43-MC Datasheet HTML 6Page - EPCOS HVC43-MC Datasheet HTML 7Page - EPCOS HVC43-MC Datasheet HTML 8Page - EPCOS HVC43-MC Datasheet HTML 9Page - EPCOS HVC43-MC Datasheet HTML 10Page - EPCOS HVC43-MC Datasheet HTML 11Page - EPCOS HVC43-MC Datasheet HTML 12Page - EPCOS HVC43-MC Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC43-MC
PPD AB PD / PPD AB PM
Version: 02 / 2024-10-22
Please read Cautions and warnings and
Page 9 of 14
Important notes at the end of this document.
Accessory
Mating connector plug (similar to Molex-436450400)
To order if required:
Ordering code
B88269X9970C101 = 10 pcs. or B88269X9970C102 = 100 pcs. in a box
Notes:
1
All physical dimensions specified in the datasheet follow the general tolerances of the datasheet drawing.
2
The recommended cross section refers to pure copper. In other cases it must be matched to actual current, conductor
material properties and operation temperature.
3
Detection time 10 µs: micro-openings ≤ 10 µs may occur between main contacts.
4
Referring to IEC 60068-2-27.
5
Referring to IEC 60068-2-6.
6
Referring to IEC 60068-2-64.
7
Freezing or condensing must be avoided.
8
Valid for base-model without accessory, other configurations will lead to deviations.
9
The specified values apply to unused contactors acc. to IEC 61810-1.
10
Referring to IEC 60947-4-1, 6000 operations make & break.
11
Referring to IEC 60947-4-1, 50% of operations in positive and 50% in negative direction.
12
Detection limit 10 mA.
13
Referring to IEC 60947-4-1.
14
Measured at rated control voltage UC including contact bouncing time.
15
Specified referring to JIS C 5442 (temperature 15 °C to 35 °C, humidity 25% to 85% RH).
16
End of life is reached when insulation resistance is < 50 MΩ at 1000 V.
17
Duty cycle 50%, cycle duration 1 s, value represents B10 lifetime acc. to Weibull analysis.
18
Duty cycle 1%, cycle duration 600 s.
19
No fire and no explosion will occur after this break.
20
Tested with resistive loads with τ ≤ 1 ms.
21
Tested for maximum break at 1000 V, 450 A with τ ≤ 0.3 ms.
22
Tolerance ±10% at thermal equilibrium
23
For “make & break life curves” duty cycle is 10% and cycle duration is 6 s. For “break-only life curves” duty cycle is 1%
and cycle duration is 600 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com