전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVC43-MC 데이터시트(PDF) 2 Page - EPCOS

부품명 HVC43-MC
상세설명  High-voltage contactor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

HVC43-MC 데이터시트(HTML) 2 Page - EPCOS

  HVC43-MC Datasheet HTML 1Page - EPCOS HVC43-MC Datasheet HTML 2Page - EPCOS HVC43-MC Datasheet HTML 3Page - EPCOS HVC43-MC Datasheet HTML 4Page - EPCOS HVC43-MC Datasheet HTML 5Page - EPCOS HVC43-MC Datasheet HTML 6Page - EPCOS HVC43-MC Datasheet HTML 7Page - EPCOS HVC43-MC Datasheet HTML 8Page - EPCOS HVC43-MC Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC43-MC
PPD AB PD / PPD AB PM
Version: 02 / 2024-10-22
Please read Cautions and warnings and
Page 2 of 14
Important notes at the end of this document.
General
The HVC43 series has a robust design for high-voltage DC switching
requirements in harsh environments. Our customers deploy the HVC43
series in a wide range of applications such as automotive traction
battery systems, and DC fast charging stations.
Features
Single coil with connector
No coil termination
Main terminals without polarity (bi-directional)
Auxiliary contact is a mirror contact (acc. to IEC 60947-4-1)
RoHS compatible
Characteristics 1
Contact arrangement
Inner contact material
Internal contact gap (full disconnection)
1A
Cu alloy
2.0 (2 × 1.0)
mm
Recommended connection conductor cross section 2
- for Ith = 150 A DC
- for Ith = 200 A DC
- for Ith = 250 A DC
≥ 50
≥ 60
≥ 60
mm²
mm²
mm²
Vibration in closed state, xyz axis 3
Shock, 6 ms ½ sine, peak 4
Vibration, sine 100 … 2000 Hz, peak 5
Wideband random vibration, 10 ... 1000 Hz 6
588
98
49
m/s2
m/s2
m/s2RMS
Operation and storage 7
Temperature
Humidity
Air pressure
−40 ... +85
5 … 85
60 … 106
°C
%
kPa
Utilization category
IEC 60947-4-1
Pollution degree
IEC 60947-1
IP level
IEC 60529
Climatic category
IEC 60068-1
DC-1
2
IP 40
40/085/21
Certifications
UKCA
CE
UL 60947-4-1 (E491412)
Weight 8
~ 300
g
See “Notes” on page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com