전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVC43 데이터시트(PDF) 7 Page - EPCOS

부품명 HVC43
상세설명  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

HVC43 데이터시트(HTML) 7 Page - EPCOS

Back Button HVC43 Datasheet HTML 3Page - EPCOS HVC43 Datasheet HTML 4Page - EPCOS HVC43 Datasheet HTML 5Page - EPCOS HVC43 Datasheet HTML 6Page - EPCOS HVC43 Datasheet HTML 7Page - EPCOS HVC43 Datasheet HTML 8Page - EPCOS HVC43 Datasheet HTML 9Page - EPCOS HVC43 Datasheet HTML 10Page - EPCOS HVC43 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC43
PPD AB PD / PPD AB PM
Version: 05 / 2022-03-16
Please read Cautions and warnings and
Page 7 of 13
Important notes at the end of this document.
Accessory
Mating connector plug (corresponding to Yazaki 7283-1020)
To order if required with order code B88269X9990C101 (10 pcs. in a box).
Installation information
Connection name
Type
Marking
Finishing
Remarks
A1
Main terminal M6
A1
copper contact surface
tightening torque
6…8 Nm
A2
Main terminal M6
A2
Optional:
Mating connector
plug
Plug with wire
(AWG 20)
red (+)
stripped and tinned
connector plug
Plug with wire
(AWG 20)
black (
)
Case mounting
Relay mounting M6
none
stainless steel insert
tightening torque
4…6 Nm
Important:
Coil terminations should be suppressed with a surge protection device. Preferably a varistor (e.g.
S10K30, B72210S0300K101 or equivalent) should be installed in parallel, see “Cautions and warnings”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com