전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVC43 데이터시트(PDF) 9 Page - EPCOS

부품명 HVC43
상세설명  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

HVC43 데이터시트(HTML) 9 Page - EPCOS

Back Button HVC43 Datasheet HTML 5Page - EPCOS HVC43 Datasheet HTML 6Page - EPCOS HVC43 Datasheet HTML 7Page - EPCOS HVC43 Datasheet HTML 8Page - EPCOS HVC43 Datasheet HTML 9Page - EPCOS HVC43 Datasheet HTML 10Page - EPCOS HVC43 Datasheet HTML 11Page - EPCOS HVC43 Datasheet HTML 12Page - EPCOS HVC43 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC43
PPD AB PD / PPD AB PM
Version: 05 / 2022-03-16
Please read Cautions and warnings and
Page 9 of 13
Important notes at the end of this document.
Notes:
1
The recommended cross section refers to pure copper. In other cases it must be matched to actual current, conductor
material properties and operation temperature (see: Cautions and warnings).
2
Detection time 10 µs: micro-openings ≤ 10 µs may occur between main contacts
3
Referring to IEC 60068-2-27
4
Referring to IEC 60068-2-6
5
Referring to IEC 60068-2-64
6
Freezing or condensing must be avoided.
7
Valid for base-model without accessory, other configurations will lead to deviations.
8
The specified values apply to unused contactors acc. to IEC 61810-1.
9
Referring to IEC 60947-4-1, 6000 operations make & break
10 Referring to IEC 60947-4-1, 50% of operations in positive and 50% in negative direction (see: Cautions and warnings)
11 Detection limit 10 mA
12 Measured at rated control voltage UC including contact bouncing time.
13 Specified referring to JIS C 5442 (temperature 15 °C to 35 °C, humidity 25% to 85% RH).
14
End of life is reached when insulation resistance is < 50 MΩ at 1000 V.
15 Duty cycle 50%, cycle duration 1 s, value represents B10 life time acc. to Weibull analysis.
16 Duty cycle 1%, cycle duration 600 s.
17 No fire and no explosion will occur after this break
18
Tested with resistive loads with τ ≤ 1 ms
19
Tested for maximum break at 1000 V, 450 A with τ ≤ 0.3 ms.
20 Tolerance ±10% at thermal equilibrium
21 For „make & break life curves“ duty cycle is 10% and cycle duration is 6 s. For “break-only life curves” duty cycle is 1%
and cycle duration is 600 s.
Cautions and warnings
To guarantee a satisfying performance of this contactor in the application we strongly recommend
to implement redundancy, take measures to prevent the spread of fire, take the possibilities of
malfunction into account, and perform regular maintenance.
It is also required to always use a suitable backup fuse for the contactor.
It is not allowed to use the contactor outside of the parameter range specified in this datasheet.
This also includes temperature and humidity. Overloading the contactor may destroy the
component.
The lifetime is dependent on several factors: e.g. load type, driving circuit and ambient conditions.
We recommend checking the performance of the part under actual conditions.
For capacitive loads, the inrush current through the contactor should not exceed the specified
limit of the estimated make & break life curves, otherwise tack welding and permanent failure will
occur.
Break of inductive loads with τ > 1 ms will shorten the lifetime and failure may occur.
In the event of a break under inductive load, the voltage at the connection terminals of the
contactor must not exceed the nominal operating voltage by more than 10 %.
For continuous high current operation, make sure that the temperatures of the connection
terminals do not exceed 130 °C by selecting an appropriate connection cable cross section or
active cooling.
The main connections of the contactor also act as a heat sink. Please ensure that the connection
surface area is fully covered with a matched cable lug or busbar and that the connection hole in
the busbar is according to DIN ISO 20273 (middle clearance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com