전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVC43 데이터시트(PDF) 10 Page - EPCOS

부품명 HVC43
상세설명  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

HVC43 데이터시트(HTML) 10 Page - EPCOS

Back Button HVC43 Datasheet HTML 5Page - EPCOS HVC43 Datasheet HTML 6Page - EPCOS HVC43 Datasheet HTML 7Page - EPCOS HVC43 Datasheet HTML 8Page - EPCOS HVC43 Datasheet HTML 9Page - EPCOS HVC43 Datasheet HTML 10Page - EPCOS HVC43 Datasheet HTML 11Page - EPCOS HVC43 Datasheet HTML 12Page - EPCOS HVC43 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC43
PPD AB PD / PPD AB PM
Version: 05 / 2022-03-16
Please read Cautions and warnings and
Page 10 of 13
Important notes at the end of this document.
The leads to the contactor must be securely tightened to the terminals (check torque specification
in data sheet) otherwise current stress may generate sparks and heating. Use only suitable
screws for all mechanical connections to the contactor and verify their functionality in the
application.
After long-term operation the contactor coil resistance is increased due to the temperature rise. If
the contactor is switched on immediately afterwards, the coil characteristics may be deteriorated.
The coil contacts need to be protected from overvoltage when switching off. Therefore, a
protection device needs to be installed in parallel.
For successful pick-up, the voltage cannot be ramped up slowly. The voltage needs to be applied
instantly to at least the maximum pick-up voltage.
The contactor is not intended to be used with pulse width modulation (PWM) controllers. Please
contact TDK for details.
Simultaneously applied maximum operation parameters for e.g. coil voltage, over currents,
temperature, vibration etc. may lead to reduced lifetime. We recommend applying rated settings
to achieve optimum life performance.
For parts without plus or minus marking at the main HV contacts (e.g. no polarity of main
contacts), the service life curves are estimated based on the requirements of IEC60947-4-1;
Chapter 8.2.4 where 50% of the required operations are performed in positive direction and 50%
in negative direction.
For additional safety, the contactor must be mounted in a way that the vertical axis of the part (Z-
axis) is not in line with the main shock axis inside the application.
Still, it must be mounted either upright standing or horizontal lying on either side.
Overhead mounting must be avoided and only the original mounting holes are allowed to be used
to mount the part.
Contactors radiate magnetic and electromagnetic fields. Please ensure that other components
mounted in close proximity are not affected.
In case two contactors are mounted in close proximity, a clearance distance of 10 mm has to be
kept.
The operating life of the contactor can be affected by strong magnetic fields. Please ensure that
there are no magnetic field sources in close proximity and avoid nearby installed heat sources.
The contactor must not be operated without any load. This may increase the contact resistance.
Contactors may become hot during extended periods of current overload (burn hazard).
Contactors must be handled with care and must not be dropped.
If a current occurred that exceeded the maximum breaking current by more than 50% or triggered
a series fuse, the contactor is considered damaged and must be replaced.
The manufacturer cannot be held liable for failures caused by condensation or icing. The
customer has to apply suitable measures to avoid these circumstances.
This contactor is not waterproof.
It must be ensured that during usage, storage, or transportation direct sunlight is avoided.
The ambient temperature during usage must not exceed the value specified in this data sheet.
It is forbidden to use this contactor in atmospheres loaded with organic solvents (alcohol,
petroleum, etc.) or strong alkaline substances (ammoniac, acids in general, etc.).
It must be ensured that during installation and operation no kind of foreign matter adheres to the
main contact. Especially oils and silicones must be avoided.
It is forbidden to attach any kind of additional construction to or on the contactor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com