전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVC43 데이터시트(PDF) 3 Page - EPCOS

부품명 HVC43
상세설명  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

HVC43 데이터시트(HTML) 3 Page - EPCOS

  HVC43 Datasheet HTML 1Page - EPCOS HVC43 Datasheet HTML 2Page - EPCOS HVC43 Datasheet HTML 3Page - EPCOS HVC43 Datasheet HTML 4Page - EPCOS HVC43 Datasheet HTML 5Page - EPCOS HVC43 Datasheet HTML 6Page - EPCOS HVC43 Datasheet HTML 7Page - EPCOS HVC43 Datasheet HTML 8Page - EPCOS HVC43 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC43
PPD AB PD / PPD AB PM
Version: 05 / 2022-03-16
Please read Cautions and warnings and
Page 3 of 13
Important notes at the end of this document.
Specifications 8
Type HVC43-…
150A
200A
250A
Contact
Maximum operating voltage
1000
VDC
Continuous current
Ith
Temporary overcurrent (10 min)
ICW1
Temporary overcurrent (1 min)
ICW2
150
260
440
200
290
480
250
320
540
ADC
ADC
ADC
Rated operational voltage 9, 10
Ue
Rated operational current 9, 10
Ie
Contact resistance at 100 ADC
- typical
- max.
Insulation resistance at 1000 VDC
- contact to contact / contact to coil
Dielectric strength 11
- contact to contact / contact to coil
1000
60
0.125
0.25
≥ 1
≥ 4400
VDC
ADC
mΩ
mΩ
GΩ
VAC
Operating time 12
- make
- break
≤ 30
≤ 15
ms
ms
Electrical endurance 10, 13, 14
Mechanical 15
- max. 1 V, 1 ADC (make & break)
Capacitive
- at 20 VDC, 140 ADC (make)
Resistive
- at 450 VDC, 200 ADC (make & break)
- at 450 VDC, 250 ADC (break) 16
Maximum cut-off 17
- at 450 VDC, 2000 ADC (break) 18
- at 1000 VDC, 450 ADC (break) 19
350 000
70 000
1000
550
1
1
operations
operations
operations
operations
operation
operation
Coil type 13
12 V
24 V
Rated control voltage (nominal)
Uc
Operating voltage range
U1 … U2
Pick-up voltage (max.)
U1
Drop-out voltage (min.)
Minimum holding current
Power at nominal voltage 20
Nominal resistance
12
9 … 16
9
1
0.16
5.8
24
24
18 … 32
18
2
0.08
5.8
96
VDC
VDC
VDC
VDC
ADC
W
Ω
See “Notes” on page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com