전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVC43 데이터시트(PDF) 2 Page - EPCOS

부품명 HVC43
상세설명  High-voltage contactor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

HVC43 데이터시트(HTML) 2 Page - EPCOS

  HVC43 Datasheet HTML 1Page - EPCOS HVC43 Datasheet HTML 2Page - EPCOS HVC43 Datasheet HTML 3Page - EPCOS HVC43 Datasheet HTML 4Page - EPCOS HVC43 Datasheet HTML 5Page - EPCOS HVC43 Datasheet HTML 6Page - EPCOS HVC43 Datasheet HTML 7Page - EPCOS HVC43 Datasheet HTML 8Page - EPCOS HVC43 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
High-voltage contactor
B88269X*
Gas-filled contactor for high-voltage DC switching
HVC43
PPD AB PD / PPD AB PM
Version: 05 / 2022-03-16
Please read Cautions and warnings and
Page 2 of 13
Important notes at the end of this document.
General
The HVC43 series has been specially designed to meet the requirements
of high-voltage DC switching applications. The optimized hermetically
sealed design exhibits excellent reliability performance against harsh
environments. The small size and low weight of the HVC43 series is
optimized to serve automotive application as part of battery traction
systems.
Features
 Singe coil with connector
 No coil termination
 Main terminals without polarity
(bi-directional)
 RoHS compatible
Characteristics
Contact arrangement
Inner contact material
Internal contact gap (full disconnection)
1A
Cu alloy
2.0 (2 × 1.0)
mm
Recommended connection cable cross section1
- for Ith = 150 ADC
- for Ith = 200 ADC
- for Ith = 250 ADC
≥ 50
≥ 60
≥ 60
mm²
mm²
mm²
Vibration in closed state, xyz-axis 2
- shock, 6 ms ½ sine, peak 3
- vibration, sine 100 … 2000 Hz, peak 4
- wideband random vibration, 10 ... 1000 Hz 5
588
98
49
m/s2
m/s2
m/s2RMS
Operation and storage 6
- temperature
- humidity
- air pressure
−40 ... +85
5 … 85
50 … 106
°C
%
kPa
Climatic category (IEC 60068-1)
40/085/21
Weight 7
~ 300
g
Certifications
CE / UKCA
UL 60947-4-1 (E491412)
See “Notes” on page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com