| 전자부품 데이터시트 검색엔진 |
|
ST52F510YMM6 데이터시트(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F510YMM6 데이터시트(HTML) 65 Page - STMicroelectronics |
|
65 / 106 page ![]() ST52F510/F513/F514 65/106 10 10-BIT A/D CONVERTER 10.1 Introduction ST52F510/F513/F514 A/D Converter is a 10-bit analog to digital converter with up to 8 analog inputs. The A/D converter offers a typical conversion time of 10 µs in fast mode and of 20 µs in slow mode. This period also includes the time of the integral Sample and Hold circuitry, which minimizes the need for external components and allows quick sampling of the signal for the minimum warping effect and integral conversion error. In addition the peripheral performs a calibration procedure in order to get the maximum precision allowed in the data of conversion. The calibration procedure is performed in two phases: the pre- charging phase and the tuning phase. The pre- charging process can be executed, after the peripheral start, to set-up the internal references and to speed-up the tuning process. The tuning process is carried-out during the channels conversion. Note: The user must be take in account both the pre-charging time and some dummy conversion (at least 20) for the tuning before starting the data acquisition. It is recommended to repeat this procedure at the start-up and after a long time peripheral stop. Figure 10.1 A/D Converter Structure The pre-charging process starts by starting the peripheral by setting to 1 the STR bit of the AD_CR Configuration Register. To speed-up the calibration procedure, the pre-charging phase can be skipped when not necessary (for example when consecutive single conversions are performed). The user can disable the pre-charging by setting the PRECH bit in the AD_CR Configuration Register. The A/D peripheral converts the input voltage with a process of successive approximations using a fixed clock frequency derived from the 10 MHz internal oscillator, divided by a factor that depends on the speed mode: about 1.6 MHz in Fast Mode and 800 kHz in Slow Mode. The speed mode is chosen by the SCK bit of the AD_CR Configuration Register. The conversion range is found between the analog VSS and the A/D VREF references. The VREF can be either internal, derived from the VDD, or external by using the VREF pin. The external reference voltage allows the application of more precise and stable reference voltages. The two modes are selected by using the REF bit of the AD_CR Configuration Register. Remark: the voltage applied to the VREF pin must be in the range VSS-VDD. The external reference voltage VREF is applied to the analog pin PB0. This pin shares the alternate functions with the first analog channel Ain0: if the CONFIGURATION REGISTERS CONTROL LOGIC ANALOG MUX Ain0 Ain1 Ain2 Ain3 Ain4 Ain5 Ain6 Ain7 VREF VDD AUTO-ZERO / AUTO-CALIBRATION COMPARATOR SUCCESSIVE APPROXIMATION REGISTER SAMPLE & HOLD DAC RESISTIVE REFERENCE LADDER MSB LSB MSB LSB MSB LSB MSB LSB MSB LSB MSB LSB MSB LSB MSB LSB STATUS REGISTER INPUT REGISTERS V REF SUCCESSIVE APPROXIMATION A/D CONVERTER INT1 REF CH0 CH1 CH2 : 6 : 12 Internal Oscillator 10 MHz A/D clock SCK SEQ POW STR CONT INT0 RESOL PRECH |