| 전자부품 데이터시트 검색엔진 |
|
ST52F510YMM6 데이터시트(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F510YMM6 데이터시트(HTML) 84 Page - STMicroelectronics |
|
84 / 106 page ![]() ST52F510/F513/F514 84/106 13.4 SCI Register Description The following registers are related to the use of the SCI peripheral. 13.4.1 SCI Configuration Registers. SCI Control Register 1 (SCI_CR1) Configuration Register 22 (016h) Read/Write Reset Value: 0000 0000 (00h) Bit 7: RXFINT SCDR_RX buffer full interrupt mask 0: interrupt disabled 1: interrupt enabled Bit 6: OVRINT Overrun interrupt mask 0: interrupt disabled 1: interrupt enabled Bit 5: BRKINT Break interrupt mask 0: interrupt disabled 1: interrupt enabled Bit 4: TXEMINT SCDR_TX buffer empty interrupt 0: interrupt disabled 1: interrupt enabled Bit 3: TXENINT TX end interrupt mask 0: interrupt disabled 1: interrupt enabled Bit 2: PAR/T8 Parity type selection or TX 9th bit 0: parity odd if enabled, else TX 9th bit=0 1: parity even if enabled, else TX 9th bit=1 Bit 1-0: FRM Frame type selection 00: 8 bit, no parity, 1 stop bit 01: 8 bit, no parity, 2 stop bit 10: 8 bit, parity, 1 stop bit 11: 9 bit, no parity, 1 stop bit Note: the SCI interrupts are not enabled unless the bit 3 (MSKSCI) of the Configuration Register 0 (INT_MASK) is enabled (set to 1). SCI Control Register 2 (SCI_CR2) Configuration Register 23 (017h) Read/Write Reset Value: 0000 0000 (00h) Bit 7-4: PRESC_H Baud Rate prescaler (bit 11:8) These bits are the higher part of the prescaler (see SCI_CR3 Configuration Register) which determinates the baud rate of the communication, according to Table 13.1 and Table 13.2, as explained in Paragraph 13.3. Bit 3-2: not used Bit 1: RXSTRT Reception enable 0: RX disabled 1: RX enabled Bit 0: TXSTRT Transmission enable 0: TX disabled 1: TX enabled SCI Control Register 3 (SCI_CR3) Configuration Register 43 (02Bh) Read/Write Reset Value: 0000 0000 (00h) Bit 7-0: PRESC_L Baud Rate prescaler (bit 7:0) These bits are the lower part of the prescaler (see SCI_CR2 Configuration Register) which determinates the baud rate of the communication, according to Table 13.1 and Table 13.2, as explained in Paragraph 13.3. 72 0 RXFINT OVRINT BRKINT TXEMINT TXENINT PAR/T8 FRM 74 2 0 PRESC_H - RXSTRT TXSTRT 70 PRESC_L |