| 전자부품 데이터시트 검색엔진 |
|
ST52F510YMM6 데이터시트(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F510YMM6 데이터시트(HTML) 36 Page - STMicroelectronics |
|
36 / 106 page ![]() ST52F510/F513/F514 36/106 4.3.2 Random data reading. To read a specified memory location, the following procedure should be used: 1. The Programming mode is entered with the sequence described in Section 4.2.1 2. The SetPage command is sent, followed to the page number where the data to be read is located 3. The ByteRead command is sent, followed by an address inside the page 4. The Master generates a Stop condition fol- lowed by a Start condition 5. The Slave Address with the R/W byte set to 1 (10100001) is sent. The device receives the Slave Address and acknowledges it. 6. The device sends the data to be read in the serial data line SDA. 7. The Master device doesn’t send the acknowl- edge and generates a stop condition. 8. To send the next command, the Master should generate a Start condition followed by the Slave Address with the R/W byte set to 0 (10100000). Figure 4.4 Device Lock Procedure 4.4 Memory Lock The Program/Data Memory space can be locked to inhibit the reading of contents and protect the intellectual property. To lock the device, the user must set all the bit of the Lock Byte to ‘1’. The Lock Byte is located on Page 48 (030h), Block 3, byte 0 inside the block i.e. byte 96 (060h) inside the page. After writing 255 (0FFh) into the Lock Byte, with the procedure described in the Section 4.2.3, the memory is locked and the only command allowed are the following: – GlobalErase: this command, writing ‘0’ in all the memory, also unlock the device. – ReadData: the only block that can be read is the Block 3 in Page 48 (030h); this allows the read- ing of the Lock Byte and the ID Code locations (see Section 4.5). – ReadStatus: this command allows the detection of an error condition in Programming mode op- eration (see Section 4.6). It can also be used to check if the device is locked. The most significa- tive bit return the Lock Bit (0=unlocked, 1=locked). Remark: the Lock Byte is checked when entering the Programming Mode. For this reason after writing the Lock Byte, all the commands can be carried out until the Programming mode is exited. Device Lock Procedure Device Lock and ID Code Writing Procedure Device Lock Reading Procedure (*) The most significative bit return the Lock Bit (0=unlocked, 1=locked) S=Start, P=Stop, A=Acknowledge, NA=Non-acknowledge From Slave to Master From Master to Slave ..... SetPage A 00110000 A ByteWrite A 01100000 A 11111111 A Command ..... ..... SetPage A 00110000 A IncBlock A IncBlock A IncBlock A BlockWrite A ..... ..... 11111111 A ID Code 1 A ID Code 2 A ..... ID Code 31 A Command ..... ..... ReadStatus A P S 10100001 A Status Byte (*) NA P S 10100000 A Command ..... |