| 전자부품 데이터시트 검색엔진 |
|
ST52F510YMM6 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F510YMM6 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 106 page ![]() ST52F510/F513/F514 30/106 PORT_A_DDR Port A Data Direction Register 26 01Ah PORT_A_AF Port A Alternate Function selection Register 27 01Bh PORT_B_PULLUP Port B Pull Up enable/disable Register 28 01Ch PORT_B_OR Port B Option Register 29 01Dh PORT_B_DDR Port B Data Direction Register 30 01Eh PORT_B_AF Port B Alternate Function selection Register 31 01Fh PORT_C_PULLUP Port C Pull Up enable/disable Register 32 020h PORT_C_OR Port C Option Register 33 021h PORT_C_DDR Port C Data Direction Register 34 022h PORT_C_AF Port C Alternate Function selection Register 35 023h - Not Used 36-42 024h- 02Ah SCI_CR3 Serial Communication Interface Control Register 3 43 02Bh SSP_H System Stack Pointer (MSB) 44 02Ch SSP_L System Stack Pointer (LSB) 45 02Dh CPU_CLK CPU Clock Prescaler 46 02Eh AD_CR2 10-bit A/D Converter Control Register 2 47 02Fh Table 3.4 Configuration Registers Mnemonic Description Address |