| 전자부품 데이터시트 검색엔진 |
|
ST52F510YMM6 데이터시트(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F510YMM6 데이터시트(HTML) 77 Page - STMicroelectronics |
|
77 / 106 page ![]() ST52F510/F513/F514 77/106 Bit 7-0: T0CO7-0 PWM/Timer 0 Counter MSB This register is used to write the Timer 0 Counter value (LSB). Note: writing this register, the PWM0_COUNT_OUT_x couple is latched in the internal registers of the peripherals. For this reason, this register should be written after the MSB one. PWM/Timer 0 Reload High Output Register (PWM0_RELOAD_H) Output Register 9 (09h) Write only Reset Value: 1111 1111 (0FFh) Bit 7-0: T0REL15-8 PWM/Timer 0 Reload MSB This register is used to write the Timer 0 Reload value (MSB). Note: this register is latched after writing the LSB part (PWM0_RELOAD_L: see below). For this reason, this register must be written before the LSB. PWM/Timer 0 Reload Low Output Register (PWM0_RELOAD_L) Output Register 10 (0Ah) Write only Reset Value: 1111 1111 (0FFh) Bit 7-0: T0REL7-0 PWM/Timer 0 Reload LSB This register is used to write the Timer 0 Reload value (LSB). Note: by writing this register, the PWM0_RELOAD_x couple is latched in the internal registers of the peripherals. For this reason this register should be written after the MSB one. 12.6 PWM/Timer 1 Register Description The following registers are related to the use of the PWM/Timer 1. 12.6.1 PWM/Timer 1 Configuration Registers. PWM/Timer 1 Control Register 1 (PWM1_CR1) Configuration Register 12 (0Ch) Read/Write Reset Value: 0000 0000 (00h) Bit 7: T1MOD PWM/Timer 1 Mode 0: Timer Mode 1: PWM Mode Bit 6: T1IES Interrupt on Stop signal Enable 0: interrupt disabled 1: interrupt enabled Bit 5: T1IEF Interrupt on T1OUT falling Enable 0: interrupt disabled 1: interrupt enabled Bit 4: T1IER Interrupt on T1OUT rising Enable 0: interrupt disabled 1: interrupt enabled Bit 3: not used Bit 2: T1STRT PWM/Timer 1 Start bit 0: Timer 0 stopped 1: Timer 0 started Bit 1: not used Bit 0: T1RES PWM/Timer 1 Reset bit 0: PWM/Timer 0 reset 1: PWM/Timer 0 set 70 T0REL15 T0REL14 T0REL13 T0REL12 T0REL11 T0REL10 T0REL9 T0REL8 70 T0REL7 T0REL6 T0REL5 T0REL4 T0REL3 T0REL2 T0REL1 T0REL0 70 T1MOD T1IES T1IEF T1IER - T1STRT - T1RES |