| 전자부품 데이터시트 검색엔진 |
|
ST72622L2 데이터시트(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72622L2 데이터시트(HTML) 20 Page - STMicroelectronics |
|
20 / 132 page ![]() ST7262 20/132 6 CLOCKS AND RESET 6.1 CLOCK SYSTEM 6.1.1 General Description The MCU accepts either a Crystal or Ceramic res- onator, or an external clock signal to drive the in- ternal oscillator. The internal clock (fCPU) is de- rived from the external oscillator frequency (fOSC), by dividing by 3 and multiplying by 2. By setting the OSC12/6 bit in the option byte, a 12 MHz external clock can be used giving an internal frequency of 8 MHz while maintaining a 6 MHz clock for USB (re- fer to Figure 14). The internal clock signal (fCPU) consists of a square wave with a duty cycle of 50%. It is further divided by 1, 2, 4 or 8 depending on the Slow Mode Selection bits in the Miscellaneous register (SMS[1:0]) The internal oscillator is designed to operate with an AT-cut parallel resonant quartz or ceramic res- onator in the frequency range specified for fosc. The circuit shown in Figure 13 is recommended when using a crystal, and Table 4 lists the recom- mended capacitors. The crystal and associated components should be mounted as close as pos- sible to the input pins in order to minimize output distortion and start-up stabilization time. Table 4. Recommended Values for 12 MHz Crystal Resonator Note: RSMAX is the equivalent serial resistor of the crystal (see crystal specification). 6.1.2 External Clock input An external clock may be applied to the OSCIN in- put with the OSCOUT pin not connected, as shown on Figure 12. The tOXOV specifications does not apply when using an external clock input. The equivalent specification of the external clock source should be used instead of tOXOV (see Elec- trical Characteristics). 6.1.3 Clock Output Pin (MCO) The internal clock (fCPU) can be output on Port B0 by setting the MCO bit in the Miscellaneous regis- ter. Figure 12. External Clock Source Connections Figure 13. Crystal/Ceramic Resonator Figure 14. Clock block diagram RSMAX 20 Ω 25 Ω 70 Ω COSCIN 56pF 47pF 22pF COSCOUT 56pF 47pF 22pF RP 1-10 M Ω 1-10 M Ω 1-10 M Ω OSCIN OSCOUT EXTERNAL CLOCK NC OSCIN OSCOUT COSCIN COSCOUT to CPU and fCPU 8/4/2/1 MHz 6 MHz (USB) 12 or peripherals %2 0 1 OSC12/6 6 MHz Crystal x2 Slow Mode % SMS[1:0] 1/2/4/8 %3 (or 4/2/1/0.5 MHz) MCO pin |