| 전자부품 데이터시트 검색엔진 |
|
ST72622L2 데이터시트(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72622L2 데이터시트(HTML) 59 Page - STMicroelectronics |
|
59 / 132 page ![]() ST7262 59/132 SERIAL PERIPHERAL INTERFACE (Cont’d) 10.4.4 Clock Phase and Clock Polarity Four possible timing relationships may be chosen by software, using the CPOL and CPHA bits (See Figure 43). Note: The idle state of SCK must correspond to the polarity selected in the SPICSR register (by pulling up SCK if CPOL=1 or pulling down SCK if CPOL=0). The combination of the CPOL clock polarity and CPHA (clock phase) bits selects the data capture clock edge Figure 43, shows an SPI transfer with the four combinations of the CPHA and CPOL bits. The di- agram may be interpreted as a master or slave timing diagram where the SCK pin, the MISO pin, the MOSI pin are directly connected between the master and the slave device. Note: If CPOL is changed at the communication byte boundaries, the SPI must be disabled by re- setting the SPE bit. Figure 43. Data Clock Timing Diagram SCK MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI (from slave) SS (to slave) CAPTURE STROBE CPHA =1 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI SS (to slave) CAPTURE STROBE CPHA =0 Note: This figure should not be used as a replacement for parametric information. Refer to the Electrical Characteristics chapter. (from slave) (CPOL = 1) SCK (CPOL = 0) SCK (CPOL = 1) SCK (CPOL = 0) |