| 전자부품 데이터시트 검색엔진 |
|
ST72622L2 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72622L2 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 132 page ![]() ST7262 41/132 WATCHDOG TIMER (Cont’d) 10.1.4 Software Watchdog Option If Software Watchdog is selected by option byte, the watchdog is disabled following a reset. Once activated it cannot be disabled, except by a reset. The T6 bit can be used to generate a software re- set (the WDGA bit is set and the T6 bit is cleared). 10.1.5 Hardware Watchdog Option If Hardware Watchdog is selected by option byte, the watchdog is always active and the WDGA bit in the CR is not used. 10.1.6 Low Power Modes WAIT Instruction No effect on Watchdog. HALT Instruction Halt mode can be used when the watchdog is en- abled. When the oscillator is stopped, the WDG stops counting and is no longer able to generate a reset until the microcontroller receives an external interrupt or a reset. If an external interrupt is received, the WDG re- starts counting after 514 CPU clocks. In the case of the Software Watchdog option, if a reset is gen- erated, the WDG is disabled (reset state). Recommendations – Make sure that an external event is available to wake up the microcontroller from Halt mode. – Before executing the HALT instruction, refresh the WDG counter, to avoid an unexpected WDG reset immediately after waking up the microcon- troller. – When using an external interrupt to wake up the microcontroller, reinitialize the corresponding I/O as Input before executing the HALT instruction. The main reason for this is that the I/O may be wrongly configured due to external interference or by an unforeseen logical condition. – The opcode for the HALT instruction is 0x8E. To avoid an unexpected HALT instruction due to a program counter failure, it is advised to clear all occurrences of the data value 0x8E from memo- ry. For example, avoid defining a constant in ROM with the value 0x8E. – As the HALT instruction clears the I bit in the CC register to allow interrupts, the user may choose to clear all pending interrupt bits before execut- ing the HALT instruction. This avoids entering other peripheral interrupt routines after executing the external interrupt routine corresponding to the wake-up event (reset or external interrupt). 10.1.7 Interrupts None. 10.1.8 Register Desc4ription CONTROL REGISTER (CR) Read /Write Reset Value: 0111 1111 (7F h) Bit 7 = WDGA Activation bit. This bit is set by software and only cleared by hardware after a reset. When WDGA = 1, the watchdog can generate a reset. 0: Watchdog disabled 1: Watchdog enabled Note: This bit is not used if the hardware watch- dog option is enabled by option byte. Bits 6:0 = T[6:0] 7-bit timer (MSB to LSB). These bits contain the decremented value. A reset is produced when it rolls over from 40h to 3Fh (T6 becomes cleared). Table 15. Watchdog Timer Register Map and Reset Values 70 WDGA T6 T5 T4 T3 T2 T1 T0 Address (Hex.) Register Label 7654 3210 0Dh WDGCR Reset Value WDGA 0 T6 1 T5 1 T4 1 T3 1 T2 1 T1 1 T0 1 |