| 전자부품 데이터시트 검색엔진 |
|
ST72622L2 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72622L2 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 132 page ![]() ST7262 30/132 POWER SAVING MODES (Cont’d) 8.3 HALT MODE The HALT mode is the MCU lowest power con- sumption mode. The HALT mode is entered by ex- ecuting the HALT instruction. The internal oscilla- tor is then turned off, causing all internal process- ing to be stopped, including the operation of the on-chip peripherals. When entering HALT mode, the I bit in the Condi- tion Code Register is cleared. Thus, any of the ex- ternal interrupts (ITi or USB end suspend mode), are allowed and if an interrupt occurs, the CPU clock becomes active. The MCU can exit HALT mode on reception of ei- ther an external interrupt on ITi, an end suspend mode interrupt coming from USB peripheral, or a reset. The oscillator is then turned on and a stabi- lization time is provided before releasing CPU op- eration. The stabilization time is 514 CPU clock cy- cles. After the start up delay, the CPU continues opera- tion by servicing the interrupt which wakes it up or by fetching the reset vector if a reset wakes it up. Figure 25. HALT Mode Flow Chart N N EXTERNAL INTERRUPT* RESET HALT INSTRUCTION 514 CPU CLOCK FETCH RESET VECTOR OR SERVICE INTERRUPT CYCLES DELAY CPU CLOCK OSCILLATOR PERIPH. CLOCK I-BIT ON ON SET ON CPU CLOCK OSCILLATOR PERIPH. CLOCK I-BIT OFF OFF CLEARED OFF Y Y Note: Before servicing an interrupt, the CC register is pushed on the stack. The I-Bit is set during the inter- rupt routine and cleared when the CC register is popped. |