| 전자부품 데이터시트 검색엔진 |
|
ST72622L2 데이터시트(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72622L2 데이터시트(HTML) 27 Page - STMicroelectronics |
|
27 / 132 page ![]() ST7262 27/132 7.6 Interrupt Register INTERRUPT REGISTER 1 (ITRFRE1) Address: 0008h - Read/Write Reset Value: 0000 0000 (00h) Bit 7:0 = ITiE Interrupt Enable 0: I/O pin free for general purpose I/O 1: ITi external interrupt enabled. Note: The corresponding interrupt is generated when: – a rising edge occurs on the IT5/IT6 pins – a falling edge occurs on the IT1, 2, 3, 4, 7 and 8 pins INTERRUPT REGISTER 2 (ITRFRE2) Address: 0039h - Read/Write Reset Value: 0000 0000 (00h) Bit 7:6 = CTL[3:2] IT[12:11] Interrupt Sensitivity These bits are set and cleared by software. They are used to configure the edge and level sensitivity of the IT12 and IT11 external interrupt pins (this means that both must have the same sensitivity). Bit 5:4 = CTL[1:0] IT[10:9]1nterrupt Sensitivity These bits are set and cleared by software. They are used to configure the edge and level sensitivity of the IT10 and IT9 external interrupt pins (this means that both must have the same sensitivity). Bit 3:0 = ITiE Interrupt Enable 0: I/O pin free for general purpose I/O 1: ITi external interrupt enabled. 70 IT8E IT7E IT6E IT5E IT4E IT3E IT2E IT1E 70 CTL3 CTL2 CTL1 CTL0 IT12E IT11E IT10E IT9E CTL3 CTL2 IT[12:11] Sensitivity 0 0 Falling edge and low level 0 1 Rising edge only 1 0 Falling edge only 1 1 Rising and falling edge CTL1 CTL0 IT[10:9] Sensitivity 0 0 Falling edge and low level 0 1 Rising edge only 1 0 Falling edge only 1 1 Rising and falling edge |