| 전자부품 데이터시트 검색엔진 |
|
HS4318ESS01H 데이터시트(PDF) 66 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H 데이터시트(HTML) 66 Page - Renesas Technology Corp |
|
66 / 68 page ![]() HD404318 Series 64 Notes on ROM Out Please pay attention to the following items regarding ROM out. On ROM out, fill the ROM area indicated below with 1s to create the same data size for the HD404314 and HD404316 as an 8-kword version (HD404318). An 8-kword data size is required to change ROM data to mask manufacturing data since the program used is for an 8-kword version. This limitation applies when using an EPROM or a data base. Vector address Zero-page subroutine (64 words) Pattern & program (4,096 words) Not used Vector address Zero-page subroutine (64 words) Pattern & program (6,144 words) Not used ROM 4-kword version: HD404314 Address $1000–$1FFF ROM 6-kword version: HD404316 Address $1800–$1FFF $0000 $000F $0010 $003F $0040 $0FFF $1000 $1FFF $0000 $000F $0010 $003F $0040 $17FF $1800 $1FFF Fill this area with 1s |