| 전자부품 데이터시트 검색엔진 |
|
HS4318ESS01H 데이터시트(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H 데이터시트(HTML) 31 Page - Renesas Technology Corp |
|
31 / 68 page ![]() HD404318 Series 29 Bit Initial value Read/Write Bit name Note: The on/off status of each transistor and the peripheral function mode of each pin can be set independently. 3 0 W MIS3 2 0 W MIS2 0 — — Not used 1 — — Not used MIS2 CMOS Buffer On/Off Selection for Pin R02/SO Miscellaneous register (MIS: $00C) 0 1 CMOS on CMOS off MIS3 0 1 Pull-Up MOS On/Off Selection Pull-up MOS off Pull-up MOS on (refer to table 5) Figure 20 Miscellaneous Register (MIS) |