| 전자부품 데이터시트 검색엔진 |
|
HS4318ESS01H 데이터시트(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4318ESS01H 데이터시트(HTML) 67 Page - Renesas Technology Corp |
|
67 / 68 page ![]() HD404318 Series 65 HD404314/HD404316/HD404318 Option List Please check off the appropriate applications and enter the necessary information. 4. ROM Code Media EPROM: Ceramic oscillator Crystal oscillator External clock f = MHz f = MHz f = MHz 5. System Oscillator for OSC1 and OSC2 RA1 without pull-down resistance Vdisp 3. RA1/Vdisp Note: If even only one pin is selected with I/O option E, pin RA1/Vdisp must be selected to function as Vdisp. The upper bits and lower bits are mixed together. The upper five bits and lower five bits are programmed to the same EPROM in alternating order (i.e., LULULU...). EPROM: The upper bits and lower bits are separated. The upper five bits and lower five bits are programmed to different EPROMS. DP-42S FP-44A 7. Package Please specify the first type below (the upper bits and lower bits are mixed together), when using the EPROM on-package microcomputer type (including ZTAT™ version). Used Not used 6. Stop mode Date of order Customer Department Name ROM code name LSI number HD404314 HD404316 HD404318 1. ROM Size 4-kword 6-kword 8-kword D0/ INT0 D1/ INT1 D2/EVNB D3/BUZZ D4/ STOPC D5 D6 D7 D8 Pin name I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O option DE 2. I/O Options D: Without pull-down resistance R1 R2 R8 RA R10 R11 R12 R13 R20 R21 R22 R23 R80 R81 R82 R83 RA1 Pin name I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I I/O option DE Selected in option (3) E: With pull-down resistance |