| 전자부품 데이터시트 검색엔진 |
|
HD404849FS 데이터시트(PDF) 76 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404849FS 데이터시트(HTML) 76 Page - Renesas Technology Corp |
|
76 / 127 page ![]() HD404849 Series 74 Bit Initial value Read/Write Bit name 3 0 W TMD13 2 0 W TMD12 0 0 W TMD10 1 0 W TMD11 Timer mode register D1 (TMD1: $010) 0 1 0 1 0 1 0 1 0 1 0 1 0 1 2048tcyc 512tcyc 128tcyc 32tcyc 8tcyc 4tcyc 2tcyc TMD12 TMD10 TMD11 Input clock period and input clock source R20/EVND (external event input) TMD13 0 1 Free-running/reload timer selection Free-running timer Reload timer Figure 59 Timer Mode Register D1 (TMD1) • Timer mode register D2 (TMD2: $015): Four-bit read/write register that selects the timer D output mode and input capture operation as shown in figure 60. It is reset to $0 by MCU reset. |