| 전자부품 데이터시트 검색엔진 |
|
M16C/1N 데이터시트(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N 데이터시트(HTML) 80 Page - Renesas Technology Corp |
|
80 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 68 of 222 M16C/1N Group 11. Watchdog Timer REJ09B0007-0100Z Write to the watchdog timer start register (address 000E16) RESET Watchdog timer interrupt request Note 1: This bit is set to "1" once, can not be clear to "0" by software. Reset (Note 1) "PM12=1" "PM12=0" Watchdog timer Set to "7FFF16" 1/128 1/16 "CM07 = 0" "WDC7 = 1" "CM07 = 0" "WDC7 = 0" "CM07 = 1" BCLK 1/2 Prescaler 11. Watchdog Timer The watchdog timer has the function of detecting when the program is out of control. Therefore, we recom- mend using the watchdog timer to improve reliability of a system. The watchdog timer is a 15-bit counter which down-counts the clock derived by dividing the BCLK using the prescaler. A watchdog timer interrupt or reset is generated when an underflow occurs in the watchdog timer. A watchdog timer interrupt or reset is selected by bit 2 of the processor mode register 1. When XIN is selected for the BCLK, bit 7 of the watchdog timer control register (address 000F16) selects the prescaler division ratio (by 16 or by 128). When XCIN is selected as the BCLK, the prescaler is set for division by 2 regardless of bit 7 of the watchdog timer control register (address 000F16). When XIN is selected in BCLK Watchdog timer cycle = When XCIN is selected in BCLK Watchdog timer cycle = For example, when BCLK is 10MHz and the prescaler division ratio is set to 16, the watchdog timer cycle is approximately 52.4 ms. The watchdog timer is initialized by writing to the watchdog timer start register (address 000E16) and when a watchdog timer interrupt request is generated. The prescaler is initialized only when the microcomputer is reset. After a reset is cancelled, the watchdog timer and prescaler are both stopped. The count is started by writing to the watchdog timer start register (address 000E16). Figure 11.1 shows the block diagram of the watchdog timer. Figure 11.2 shows the watchdog timer-related registers. Prescaler division ratio (16 or 128) x watchdog timer count (32768) BCLK Prescaler division ratio (2) x watchdog timer count (32768) BCLK Figure 11.1 Block diagram of watchdog timer |