| 전자부품 데이터시트 검색엔진 |
|
SH7052 데이터시트(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 데이터시트(HTML) 36 Page - Renesas Technology Corp |
|
36 / 919 page ![]() 10 Table 1.2 Pin Functions (cont) Type Symbol Pin No. I/O Name Function Clock PLLV CC 32 Input PLL power supply On-chip PLL oscillator power supply. For power supply connection, see section 4, Clock Pulse Generator. PLLV SS 34 Input PLL ground On-chip PLL oscillator ground. For power supply connection, see section 4, Clock Pulse Generator. PLLCAP 33 Input PLL capacitance On-chip PLL oscillator external capacitance connection pin. For external capacitance connection, see section 4, Clock Pulse Generator. EXTAL 24 Input External clock For connection to a crystal resonator. An external clock source can also be connected to the EXTAL pin. XTAL 26 Input Crystal For connection to a crystal resonator. CK 20 Output System clock Supplies the system clock to peripheral devices. System control RES 30 Input Power-on reset Executes a power-on reset when driven low. WDTOVF 72 Output Watchdog timer overflow WDT overflow output signal. BREQ 17 Input Bus request Driven low when an external device requests the bus. BACK 16 Output Bus request acknowledge Indicates that the bus has been granted to an external device. The device that output the BREQ signal recognizes that the bus has been acquired when it receives the BACK signal. |