| 전자부품 데이터시트 검색엔진 |
|
7733 데이터시트(PDF) 403 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 데이터시트(HTML) 403 Page - Renesas Technology Corp |
|
403 / 940 page ![]() STANDARD CHARACTERISTICS 16.1 Standard characteristics 7733 Group User’s Manual 16–2 16.1 Standard characteristics Standard characteristics described below are characteristic examples of the M37733MHBXXXFP and are not guaranteed. For each parameter’s limits, refer to chapter “15. ELECTRICAL CHARACTERISTICS.” 16.1.1 Programmable I/O port (CMOS output) standard characteristics: P0 to P3, P40 to P43, P54 to P57, P6, P7, and P8 (1) P-channel IOH–VOH characteristics (2) N-channel IOL–VOL characteristics 50.0 40.0 30.0 10.0 20.0 0 1.0 2.0 3.0 4.0 5.0 Ta = 25 °C Ta = 85 °C Power source voltage VCC = 5 V VOH [ V ] P channel 50.0 40.0 30.0 20.0 10.0 0 1.0 2.0 3.0 4.0 5.0 Ta = 25 °C Ta = 85 °C Power source voltage VCC = 5 V VOL [ V ] N channel |