전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/10 데이터시트(PDF) 29 Page - NXP Semiconductors

부품명 PCF8576CU/10
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/10 데이터시트(HTML) 29 Page - NXP Semiconductors

Back Button PCF8576CU/10 Datasheet HTML 25Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 26Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 27Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 28Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 29Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 30Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 31Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 32Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
29 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
10. Limiting values
[1]
Values with respect to VDD.
[2]
According to the NXP store and transport conditions (document
SNW-SQ-623) the devices have to be
stored at a temperature of +5
°C to +45 °C and a humidity of 25 % to 75 %.
[3]
Pass level; Human Body Model (HBM) according to JESD22-A114.
[4]
Pass level; Machine Model (MM), according to JESD22-A115.
[5]
Pass level; latch-up testing, according to JESD78.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
Table 18.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
8.0
V
VLCD
LCD supply voltage
[1] VDD − 8.0 VDD
V
VI
input voltage
on each of the pins SCL, SDA,
CLK, SYNC, SA0, OSC and
A0 to A2
−0.5
8.0
V
VO
output voltage
on each of the pins
S0 to S39 and BP0 to BP3
[1]
−0.5
8.0
V
II
input current
−20
+20
mA
IO
output current
−25
+25
mA
IDD
supply current
−50
+50
mA
ISS
ground supply current
−50
+50
mA
IDD(LCD)
LCD supply current
−50
+50
mA
Ptot
total power dissipation
-
400
mW
Po
output power
-
100
mW
Tstg
storage temperature
[2]
−65
+150
°C
VESD
electrostatic discharge
voltage
HBM
[3]
-
±4000
V
MM
[4]
-
±200
V
Ilu
latch-up current
[5]
-
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com