전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/10 데이터시트(PDF) 48 Page - NXP Semiconductors

부품명 PCF8576CU/10
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/10 데이터시트(HTML) 48 Page - NXP Semiconductors

Back Button PCF8576CU/10 Datasheet HTML 44Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 45Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 46Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 47Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 48Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 49Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 50Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 51Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
48 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
E
tray width; x direction
50.67 mm
F
tray width; y direction
50.67 mm
G
cut corner to pocket 1,1 center
5.78 mm
H
cut corner to pocket 1,1 center
6.29 mm
J
tray thickness
3.94 mm
K
tray cross section
1.76 mm
L
tray cross section
2.46 mm
M
pocket depth
0.89 mm
x
number of pockets; x direction
8
y
number of pockets; y direction
7
Table 24.
Tray dimensions
Symbol
Description
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com