전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/10 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 PCF8576CU/10
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/10 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button PCF8576CU/10 Datasheet HTML 6Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 7Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 8Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 9Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 10Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 11Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 12Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 13Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
10 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
• The I2C-bus interface is initialized
• The data pointer and the subaddress counter are cleared
Remark: Do not transfer data on the I2C-bus for at least 1 ms after a power-on to allow the
reset action to complete.
7.2 LCD bias generator
The full-scale LCD voltage (Voper) is obtained from VDD − VLCD. The LCD voltage may be
temperature compensated externally through the VLCD supply to pin VLCD.
Fractional LCD biasing voltages are obtained from an internal voltage divider comprising
three series resistors connected between VDD and VLCD. The center resistor can be
switched out of the circuit to provide a 1
⁄
2 bias voltage level for the 1:2 multiplex
configuration.
7.3 LCD voltage selector
The LCD voltage selector coordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by the
mode-set command from the command decoder. The biasing configurations that apply to
the preferred modes of operation, together with the biasing characteristics as functions of
VLCD and the resulting discrimination ratios (D), are given in Table 5.
A practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth), typically when the LCD exhibits approximately 10 % contrast. In
the static drive mode a suitable choice is VLCD < 3 × Vth.
Multiplex drive modes of 1:3 and 1:4 with 1
⁄
2 bias are possible but the discrimination and
hence the contrast ratios are smaller.
Bias is calculated by
, where the values for a are
a = 1 for 1
⁄2 bias
a = 2 for 1
⁄3 bias
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 1
(1)
where VLCD is the resultant voltage at the LCD segment and where the values for n are
Table 5.
Preferred LCD drive modes: summary of characteristics
LCD drive
mode
Number of:
LCD bias
configuration
Backplanes Bias levels
static
1
2
static
0
1
∞
1:2 multiplex 2
3
1
⁄
2
0.354
0.791
2.236
1:2 multiplex 2
4
1
⁄
3
0.333
0.745
2.236
1:3 multiplex 3
4
1
⁄
3
0.333
0.638
1.915
1:4 multiplex 4
4
1
⁄
3
0.333
0.577
1.732
V
off RMS
()
V
LCD
--------------------------
V
on RMS
()
V
LCD
------------------------- D
V
on RMS
()
V
off RMS
()
--------------------------
=
1
1a
+
-------------
V
on RMS
()
1
n
---
n
1
–
()
n
-----------------
1
1a
+
-------------


2
×
+
V
LCD
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com