전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/10 데이터시트(PDF) 42 Page - NXP Semiconductors

부품명 PCF8576CU/10
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/10 데이터시트(HTML) 42 Page - NXP Semiconductors

Back Button PCF8576CU/10 Datasheet HTML 38Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 39Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 40Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 41Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 42Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 43Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 44Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 45Page - NXP Semiconductors PCF8576CU/10 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
42 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
15. Bare die outline
Fig 35. Bare die outline of PCF8576CU/10
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCF8576CU/10
pcf8576cu_10_do
09-06-02
Unit
mm
max
nom
min
0.38
2.82
0.610
0.096
0.110 0.097 0.110
A
Dimensions
Note
1. Pad size
2. Passivation opening
3. Dimension not drawn to scale
4. Marking code: PC8576C-1
Wire bond die; 56 bonding pads; 3.0 x 2.82 x 0.38 mm
PCF8576CU/10
DE
3.00
e(3)
P1(1)
P2(2)
P3(1)
P4(2)
0.097
0
0.5
1 mm
scale
detail X
P4
P2
P1
P3
A
e
X
0
0
y
x
D
E
(4)
F
C2
C1
35
50
51
56
1
7
8
20
21
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com